Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XYZAXFUSIONNEX Datasheet(PDF) 2 Page - TOKYO SEIMITSU CO., LTD

Part # XYZAXFUSIONNEX
Description  Coordinate Measuring Machine that has accomplished internal evolution to further
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

XYZAXFUSIONNEX Datasheet(HTML) 2 Page - TOKYO SEIMITSU CO., LTD

  XYZAXFUSIONNEX Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD XYZAXFUSIONNEX Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD XYZAXFUSIONNEX Datasheet HTML 3Page - TOKYO SEIMITSU CO., LTD XYZAXFUSIONNEX Datasheet HTML 4Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Active Scanning Technology
Magnetic force generates uniform small measuring force, which is applied in
the workpiece normal direction. Because of this, stylus deflection is minimized
and uniform, and accuracy is improved.
Since a mechanical spring is used, measuring force is uneven, stylus deflec-
tion fluctuates, and accuracy cannot be improved.
Active Scanning System
Passive Scanning System
VAST Technology: Active
With measuring force control
Conventional system: Passive
Without measuring force control
7
TOKYO SEIMITSU
Outstanding actual accuracy comparable
to high-end machine
Guarantees maximum permissible indication error (MPEE) to be
1.6 + 3L/1000 μm* with the actual value as small as ±1 μm
*It is the accuracy of the size of the 9/10/6 below.
Stylus Deflection
Compensation
Displacement
Displacement
Displacement
Displacement
Stylus Deflection
Some workpieces cannot be measured without the active scanning technology
The active scanning system is highly appreciated with many application track records, such as measurement of high-precision
workpieces that require coaxiality, concentricity, flatness or straightness, evaluation of free-form surface of precision dies,
high-precision measurement of deep holes that require long stylus, circumference measurement of tapered parts that requires
scanning measurement, evaluation of V grooves, ball screw grooves and rack grooves and high-precision geometrical evaluation.
Incorporates active scanning probe VAST
XT gold as a standard feature
The active scanning probe enables high-accuracy measure-
ment of areas that were previously difficult to measure, because
it can be fitted with a long and heavy stylus.
Also, as the measuring pressure is controllable, probe deflection
can be accurately eliminated.
These features make it the only one probe system capable of
quick and accurate measurement of not only known forms but
also unknown forms.
Maximum Permissible Indication Error (MPEE) of
our previous machine (specification)
Maximum Permissible
Actual measure
max. 500 mm
500 mm
Maximum probe length
500 g
Maximum probe weight
0.5 mm
Minimum probe diameter



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com