Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1990 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1990
Description  250V Input Range G = 1, 10, Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1990 Datasheet(HTML) 2 Page - Linear Technology

  LT1990 Datasheet HTML 1Page - Linear Technology LT1990 Datasheet HTML 2Page - Linear Technology LT1990 Datasheet HTML 3Page - Linear Technology LT1990 Datasheet HTML 4Page - Linear Technology LT1990 Datasheet HTML 5Page - Linear Technology LT1990 Datasheet HTML 6Page - Linear Technology LT1990 Datasheet HTML 7Page - Linear Technology LT1990 Datasheet HTML 8Page - Linear Technology LT1990 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1990
2
1990f
Total Supply Voltage (V+ to V–) ............................... 36V
Input Voltage Range
Continuous ...................................................... ±250V
Transient (0.1s) ............................................... ±350V
Differential ....................................................... ±500V
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4) ...–40°C to 85°C
Specified Temperature Range (Note 5) ....–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec.)................. 300°C
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 190°C/W
1990
1990A
1990I
1990AI
LT1990CS8
LT1990IS8
LT1990ACS8
LT1990AIS8
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
G
Gain
Pins 5 and 8 = Open
1
Pins 5 and 8 = GND
10
∆G
Gain Error
VOUT = 0.5V to (+Vs) –0.75V
LT1990, G = 1
0.4
0.6
%
LT1990A, G = 1
0.07
0.28
%
G = 10, VS = 5V, 0V
0.2
0.8
%
GNL
Gain Nonlinearity
VS = 5V, 0V; VOUT = 0.5V to 4.25V
G = 1
0.001
0.005
%
G = 10
0.01
%
VCM
Input Voltage Range
Guaranteed by CMRR
VS = 3V, 0V; VREF = 1.25V
–5
25
V
VS = 5V, 0V; VREF = 1.25V
–5
80
V
VS = 5V, 0V; VREF = 2.5V
–38
47
V
CMRR
Common Mode Rejection Ratio
VS = 3V, 0V (Note 7)
RTI (Referred to Input)
VCM = –5V to 25V, VREF = 1.25V
LT1990
60
68
dB
LT1990A
70
75
dB
VS = 5V, 0V
VCM = –5V to 80V, VREF = 1.25V
LT1990
60
68
dB
LT1990A
70
75
dB
VS = 5V, 0V (Note 7)
VCM = –38V to 47V, VREF = 2.5V
LT1990
60
68
dB
LT1990A
70
75
dB
VOS
Offset Voltage, RTI
G = 1, 10
0.8
3
mV
en
Input Noise Voltage, RTI
fO = 0.1Hz to 10Hz
22
µVP-P
Noise Voltage Density, RTI
fO = 1kHz
1
µV/√Hz
3V/5V ELECTRICAL CHARACTERISTICS
VS = 3V, 0V; VS = 5V, 0V; RL = 10k, VCM = VREF = half supply, G = 1, 10, TA = 25°C, unless otherwise noted. (Note 6)
S8 PART
MARKING
TOP VIEW
GAIN1
V+
OUT
GAIN2
REF
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
(Notes 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com