Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM80C85 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM80C85
Description  8-Bit CMOS MICROPROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C85 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM80C85 Datasheet HTML 4Page - OKI electronic componets MSM80C85 Datasheet HTML 5Page - OKI electronic componets MSM80C85 Datasheet HTML 6Page - OKI electronic componets MSM80C85 Datasheet HTML 7Page - OKI electronic componets MSM80C85 Datasheet HTML 8Page - OKI electronic componets MSM80C85 Datasheet HTML 9Page - OKI electronic componets MSM80C85 Datasheet HTML 10Page - OKI electronic componets MSM80C85 Datasheet HTML 11Page - OKI electronic componets MSM80C85 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8/29
¡ Semiconductor
MSM80C85AHRS/GS/JS
DRIVING THE X1 AND X2 INPUTS
You may drive the clock inputs of the MSM80C85AH with a crystal, or an external clock source.
The driving frequency must be at least 1 MHz, and must be twice the desired internal clock
frequency; hence, the MSM80C85AH is operated with a 6 MHz crystal (for 3 MHz clock). If a
crystal is used, it must have the following characteristics:
Parallel resonance at twice the clock frequency desired
CL (load capacitance) £ 30 pF
CS (shunt capacitance) £ 7 pF
RS (equivalent shunt resistance) £ 75 ohms
Drive level: 10 mW
Frequency tolerance:
±0.05% (suggested)
Note the use of the capacitors between X1, X2 and ground. These capacitors are required to
assure oscillator startup at the correct frequency.
Figure 4 shows the recommended clock driver circuits. Note in B that a pull-up resistor is
required to assure that the high level voltage of the input is at least 4 V.
For driving frequencies up to and including 6 MHz you may supply the driving signal to X, and
leave X2 open-circuited (Figure 4B). To prevent self-oscillation of the MSM80C85AH, be sure
that X2 is not coupled back to X1 through the driving circuit.
Note:
Since the constant values may vary depending on oscillator, consult the manufacturer
of the oscillator used when designing a circuit.
Figure 4 Clock Driver Circuits
X1
CINT = 15 pF
X2
C1
C2
X1
X2
* X2 Left Floating
VIH > 0.8 VCC
High time > 40 ns
Low time > 40 ns
33 pF Capacitor required for crystal frequency 10 to 6.25 MHz
50 pF Capacitor required for crystal frequency 6.25 to 4 MHz
100 pF Capacitor required for crystal frequency <4 MHz
MSM80C85AH
A. Quartz Crystal Clock Driver
B. 1 - 10 MHz Input Frequency External
Clock Drive Circuit
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com