Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM80C40 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM80C40
Description  CMOS 8-Bit Microcontroller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C40 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM80C40 Datasheet HTML 1Page - OKI electronic componets MSM80C40 Datasheet HTML 2Page - OKI electronic componets MSM80C40 Datasheet HTML 3Page - OKI electronic componets MSM80C40 Datasheet HTML 4Page - OKI electronic componets MSM80C40 Datasheet HTML 5Page - OKI electronic componets MSM80C40 Datasheet HTML 6Page - OKI electronic componets MSM80C40 Datasheet HTML 7Page - OKI electronic componets MSM80C40 Datasheet HTML 8Page - OKI electronic componets MSM80C40 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5/20
¡ Semiconductor
MSM80C48/49/50, MSM80C35/39/40
PIN DESCRIPTIONS (Continued)
Note: A minimum of two machine cycles are required in RESET pulse duration under the
specified power supply and stable oscillator frequency.
Symbol
Type
Description
XTAL1
(Crystal 1)
One side of the internal crystal oscillator. An external clock can also be input.
I
XTAL2
(Crystal 2)
Other side of the internal crystal oscillator.
O
VCC
Power supply pin
—
VDD
Standby control input. Normally, "1" level. When set to "0" level, oscillation is
stopped and prosessor goes into standby mode.
—
VSS
GND
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com