Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDC281 Datasheet(PDF) 2 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC281
Description  Smart Two-Phase DC Fan Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC281 Datasheet(HTML) 2 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC281 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Datasheet
December, 2013 Rev. 1.1
2/10
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Smart Two-Phase DC Fan Driver
SDC281
Pin Configuration
1.VDD
2.DO
3.DOB
4.GND
2 3 4
1
Package: TO-94
Figure 2. Pin Configuration
Pin Number
Pin Name
Functions
1
VDD
Power supply pin
2
DO
Output 1 pin
3
DOB
Output 2 pin
4
GND
Ground pin
Table 1. Pin Description
Functional Block Diagram
Oscillator
Logic Control
Citcuit
Voltage
Regulator
Voltage
Clamp
Voltage
Clamp
VDD
DO
DOB
GND
Hall
Plane
Figure 3. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com