Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDC686 Datasheet(PDF) 3 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC686
Description  Switch Hall IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC686 Datasheet(HTML) 3 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC686 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC686 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC686 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC686 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC686 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC686 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC686 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC686 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Datasheet
December, 2013 Rev. 1.0
3/8
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Switch Hall IC
SDC686
Ordering Information
SDC686
Circuit Type
Magnetic Characteristics:
A/a/B/C/D
E1: Pb-free
G1: Halogen-free
Package
TO-94: Z4
X X - X
Package
Temperature
Range
Part Number
Marking ID
Packing
Type
Pb-free
Halogen-free
Pb-free
Halogen-free
TO-94
-20°C~85°C
SDC686AZ4-E1
SDC686AZ4-G1
686
686G
Bulk
SDC686aZ4-E1
SDC686aZ4-G1
686
686G
Bulk
SDC686BZ4-E1
SDC686BZ4-G1
686
686G
Bulk
SDC686CZ4-E1
SDC686CZ4-G1
686
686G
Bulk
SDC686DZ4-E1
SDC686DZ4-G1
686
686G
Bulk
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com