Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1013MP Datasheet(PDF) 17 Page - Texas Instruments

Part # LT1013MP
Description  DUAL PRECISION OPERATIONAL AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1013MP Datasheet(HTML) 17 Page - Texas Instruments

Back Button LT1013MP Datasheet HTML 13Page - Texas Instruments LT1013MP Datasheet HTML 14Page - Texas Instruments LT1013MP Datasheet HTML 15Page - Texas Instruments LT1013MP Datasheet HTML 16Page - Texas Instruments LT1013MP Datasheet HTML 17Page - Texas Instruments LT1013MP Datasheet HTML 18Page - Texas Instruments LT1013MP Datasheet HTML 19Page - Texas Instruments LT1013MP Datasheet HTML 20Page - Texas Instruments LT1013MP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LT1013, LT1013A, LT1013D
DUAL PRECISION OPERATIONAL AMPLIFIERS
SLOS018H − MAY 1988 − REVISED NOVEMBER 2004
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
t − Time −
µs
60
40
0
020
40
60
80
120
VOLTAGE-FOLLOWER
SMALL-SIGNAL
PULSE RESPONSE
140
80
100 120 140
20
100
160
VCC+ = 5 V, VCC− = 0
VI = 0 to 100 mV
RL = 600 Ω to GND
AV = 1
TA = 25°C
−20
Figure 21
t − Time −
µs
2
1
−1
010
20
30
3
5
VOLTAGE-FOLLOWER
LARGE-SIGNAL
PULSE RESPONSE
6
40
50
60
70
0
4
VCC+ = 5 V, VCC− = 0
VI = 0 to 4 V
RL = 4.7 kΩ to 5 V
AV = 1
TA = 25°C
−2
Figure 22
−2
t − Time −
µs
2
1
−1
010
20
30
3
5
6
40
50
60
70
0
4
VCC+ = 5 V, VCC− = 0
VI = 0 to 4 V
RL = 0
AV = 1
TA = 25°C
VOLTAGE-FOLLOWER
LARGE-SIGNAL
PULSE RESPONSE
Figure 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com