Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16F636 Datasheet(PDF) 12 Page - Microchip Technology

Part # 16F636
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F636 Datasheet(HTML) 12 Page - Microchip Technology

Back Button 16F636 Datasheet HTML 8Page - Microchip Technology 16F636 Datasheet HTML 9Page - Microchip Technology 16F636 Datasheet HTML 10Page - Microchip Technology 16F636 Datasheet HTML 11Page - Microchip Technology 16F636 Datasheet HTML 12Page - Microchip Technology 16F636 Datasheet HTML 13Page - Microchip Technology 16F636 Datasheet HTML 14Page - Microchip Technology 16F636 Datasheet HTML 15Page - Microchip Technology 16F636 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 10
Preliminary
© 2005 Microchip Technology Inc.
TABLE 1-3:
PIC16F639 PINOUT DESCRIPTIONS
Name
Function
Input
Type
Output
Type
Description
VDD
VDD
D
—
Power supply for microcontroller
RA5/T1CKI/OSC1/CLKIN
RA5
TTL
CMOS
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up/pull-down.
T1CKI
ST
—
Timer1 clock
OSC1
XTAL
—
XTAL connection
CLKIN
ST
—
TOSC/4 reference clock
RA4/T1G/OSC2/CLKOUT
RA4
TTL
CMOS
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up/pull-down.
T1G
ST
—
Timer1 gate
OSC2
—
XTAL
XTAL connection
CLKOUT
—
CMOS
TOSC reference clock
RA3/MCLR/VPP
RA3
TTL
—
General purpose input. Individually controlled interrupt-on-change.
MCLR
ST
—
Master Clear Reset. Pull-up enabled when configured as MCLR.
VPP
HV
—
Programming voltage
RC5
RC5
TTL
CMOS
General purpose I/O
RC4/C2OUT
RC4
TTL
CMOS
General purpose I/O
C2OUT
—
CMOS
Comparator2 output
RC3/LFDATA/RSSI/CCLK/SDIO
RC3
TTL
CMOS
General purpose I/O
LFDATA
—
CMOS
Digital output representation of analog input signal to LC pins.
RSSI
—
Current
Received signal strength indicator. Analog current that is proportional
to input amplitude.
CCLK
—
—
Carrier clock output
SDIO
TTL
CMOS
Input/Output for SPI communication
VDDT
VDDT
D
—
Power supply for Analog Front-End. In this document, VDDT is treated
the same as VDD, unless otherwise stated.
LCZ
LCZ
AN
—
125 kHz analog Z channel input
LCY
LCY
AN
—
125 kHz analog Y channel input
LCX
LCX
AN
—
125 kHz analog X channel input
LCCOM
LCCOM
AN
—
Common reference for analog inputs
VSST
VSST
D
—
Ground reference for Analog Front-End. In this document, VSST is
treated the same as VSS, unless otherwise stated.
RC2/SCLK/ALERT
RC2
TTL
CMOS
General purpose I/O
SCLK
TTL
—
Digital clock input for SPI communication
ALERT
—OD
Output with internal pull-up resistor for AFE error signal
RC1/C2IN-/CS
RC1
TTL
CMOS
General purpose I/O
C2IN-
AN
—
Comparator1 input - negative
CS
TTL
—
Chip select input for SPI communication with internal pull-up resistor
RC0/C2IN+
RC0
TTL
CMOS
General purpose I/O
C2IN+
AN
—
Comparator1 input - positive
RA2/T0CKI/INT/C1OUT
RA2
ST
CMOS
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up/pull-down.
T0CKI
ST
—
External clock for Timer0
INT
ST
—
External Interrupt
C1OUT
—
CMOS
Comparator1 output
RA1/C1IN-/VREF/ICSPCLK
RA1
TTL
CMOS
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up/pull-down.
C1IN-
AN
—
Comparator1 input – negative
ICSPCLK
ST
—
Serial Programming Clock
RA0/C1IN+/ICSPDAT/ULPWU
RA0
TTL
—
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up/pull-down. Selectable Ultra Low-Power
Wake-up pin.
C1IN+
AN
—
Comparator1 input – positive
ICSPDAT
TTL
CMOS
Serial Programming Data IO
ULPWU
AN
—
Ultra Low-Power Wake-up input
VSS
VSS
D
—
Ground reference for microcontroller
Legend:
AN
= Analog input or output
CMOS
= CMOS compatible input or output
D
= Direct
HV
= High Voltage
ST
= Schmitt Trigger input with CMOS levels
OD = Direct
TTL = TTL compatible input
XTAL
= Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com