Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS2H9 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS2H9
Description  High-Voltage Surface Mount Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS2H9 Datasheet(HTML) 2 Page - Vishay Siliconix

  SS2H9 Datasheet HTML 1Page - Vishay Siliconix SS2H9 Datasheet HTML 2Page - Vishay Siliconix SS2H9 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
2
Document Number 88750
28-Jun-05
SS2H9 & SS2H10
Vishay Semiconductors
Electrical Characteristics
TA = 25 °C unless otherwise specified#
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Thermal Characteristics
TA = 25 °C unless otherwise specified
Notes:
(1) Units mounted on P.C.B. with 0.2 x 0.2" (5.0 x 5.0 mm) copper pad areas
Ratings and Characteristics Curves
(TA = 25 °C unless otherwise noted)
Parameter
Test condition
Symbol
SS2H9
SS2H10
Unit
Maximum instantaneous forward
voltage at (1):
IF = 2.0 A,
IF = 2.0 A,
TJ = 25 °C
TJ = 125 °C
VF
0.79
0.65
V
Maximum DC reverse current at
rated DC blocking voltage (1)
TJ = 25 °C
TJ = 125 °C
IR
10
4
µA
mA
Parameter
Symbol
SS2H9
SS2H10
Unit
Maximum thermal resistance junction to lead TL = 25 °C
(1)
RθJA
RθJL
80
25
°C/W
Figure 1. Forward Currenrt Derating Curve
0.0
0,5
1.0
1.5
2.0
2.5
25
50
75
100
125
150
175
Tl - Lead Temperature (°C)
Figure 2. Max Non-Repetitive Peak FWD Surge Current
0
25
50
75
100
1
10
100
Number of Cycles at 60 Hz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com