Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMA140 Datasheet(PDF) 9 Page - Bosch Sensortec GmbH

Part # BMA140
Description  Triaxial, analog acceleration sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA140 Datasheet(HTML) 9 Page - Bosch Sensortec GmbH

Back Button BMA140 Datasheet HTML 5Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 6Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 7Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 8Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 9Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 10Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 11Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 12Page - Bosch Sensortec GmbH BMA140 Datasheet HTML 13Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
BMA140
Data sheet
Triaxial, analog acceleration sensor
Bosch Sensortec
Rev. 1.1
Page 9
04 April 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
3.2
Channel multiplexer
On the Ax, Ay, and Az output pin there is always the possibility to grip the continuous analog
output signals of the corresponding axis. Additional to these continuously available signals,
there is the possibility to multiplex any of the 3 axis fully customized to one separate AMUX
output pin via an internal channel multiplexer. This e.g. enables the option to read out all three
axes at only one output pin.
Which of the acceleration signal of the 3 axis is actually multiplexed to the AMUX output pin – or
in which sequence – can be selected through the corresponding SEL.0 and SEL.1 pins of the
sensor module (see chapter 4.3). Do not connect any external capacitor on the AMUX output
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com