Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP7660 Datasheet(PDF) 6 Page - Billiton Ltd.

Part # TP7660
Description  Voltage-voltage deflector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP7660 Datasheet(HTML) 6 Page - Billiton Ltd.

  TP7660 Datasheet HTML 1Page - Billiton Ltd. TP7660 Datasheet HTML 2Page - Billiton Ltd. TP7660 Datasheet HTML 3Page - Billiton Ltd. TP7660 Datasheet HTML 4Page - Billiton Ltd. TP7660 Datasheet HTML 5Page - Billiton Ltd. TP7660 Datasheet HTML 6Page - Billiton Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
南京拓微集成电路有限公司
地址: 南京市龙蟠中路 168 号江苏软件园 49 号楼 403 室
邮编:
210002
电话: 025-84808234
85997679
传真: 025-84803234
E-mail: top_power998@163.com
6
封装结构
封装结构
封装结构
封装结构:
:
:
:
3.90±0.10
(.154±.004)
4.90±0.10
(.193±.004)
6.00±0.20
(.236±.008)
0.406 TYP
(.016)
1.27 TYP
(.050)
0.203±0.03
(.008±.0012)
0.825±0.425
(.0325±.0167)
0.375±0.125
×45°
(.0148±.0049)
0~7°
1.55±0.20
(.061±.008)
0.175±0.075
(.0069±.0030)
1.38±0.10
(.054±.004)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com