Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2387 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2387
Description  ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2387 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2387 Datasheet HTML 2Page - New Japan Radio NJM2387 Datasheet HTML 3Page - New Japan Radio NJM2387 Datasheet HTML 4Page - New Japan Radio NJM2387 Datasheet HTML 5Page - New Japan Radio NJM2387 Datasheet HTML 6Page - New Japan Radio NJM2387 Datasheet HTML 7Page - New Japan Radio NJM2387 Datasheet HTML 8Page - New Japan Radio NJM2387 Datasheet HTML 9Page - New Japan Radio NJM2387 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM2387/89
-7-
Ver.2004-12-22
TYPICAL CHARACTERISTICS
-3
-2
-1
0
1
2
3
0
500
1000
1500
Output Current : Io(mA)
NJM2387/89_10V
Load Regulation vs. Output Current
@:Ta=25oC
Vin=12V
Co=22
µF
R1=1k
Ω
R2=6.94k
Ω
0
500
1000
1500
2000
2500
3000
10
15
20
25
30
35
NJM2387/89_10V
Peak Output Current vs. Input Voltage
Input Voltage : VIN(V)
@:Ta=25
oC
R1=1k
Ω
R2=14.9k
Ω
Co=22
µF
0
10
20
30
40
50
0
5
10
15
20
25
30
35
NJM2387/89_10V
Quiescent Current v.s. Input Voltage
@:Ta=25
oC
Output is open.
Co=22
µF
Input Voltage : VIN(V)
0
100
200
300
400
500
10
100
1000
Output Current : Io(A)
NJM2387/89_10V
Output Noise Voltage vs. Output Current
@:Ta=25
oC
VIN=15V
LPF:80kHz
Co=22
µF
0.01
0.1
1
20
30
40
50
60
70
80
90
100
10
100
1000
10
4
10
5
Frequency : f (Hz)
Io=0A
Io=0.1A
Io=0.5A
@:Ta=25
oC
VIN=12V
ein=500mVrms
Co=22
µF
10
100
1k
10k
100k
NJM2387/89_10V
Ripple Rejection Ratio v.s. Frequency
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
100
1000
Output Current : Io(mA)
NJM2387/89_10V
Ripple Rejection vs. Output Current
@:Ta=25
oC
VIN=12V
ein=500mVrms
f=120Hz
Co=22
µF(Ceramic)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com