Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC3500 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KBPC3500
Description  35 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KBPC3500 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KBPC3500 Datasheet HTML 1Page - List of Unclassifed Manufacturers KBPC3500 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
35 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts PRV
CURRENT
35 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MECHANICAL DATA
: Metal or Plastic shell with plastic
encapsulation
: 1/4 inch, 6.35mm Faston blades *
: Positive symbol printed on body
: 1.1 ounce, 31.6 grams
Case
Terminals
Polarity
Weight
19.1
17.1
17.6
15.5
15.3
13.3
29.0
28.0
terminals
6.35 x 0.8
29.0
28.0
17.6
15.5
+
~
~
High efficiency
Surge overload rating - 400 amperes peak
Body clad with metal (electrically isolated) or
plastic
Plastic encapsulation has Underwriters
Laboratory flammability classification 94V-0
Universal multi-purpose terminals
KBPC35005
Maximum Recurrent Peak Reverse Voltage
Maximum Bridge Input Voltage RMS
Maximum DC Blocking Voltage
Maximum Average Forward Current at
TC = 55
V
V
A
A
Peak Forward Surge Current, 8.3 ms single
half sine - wave superimposed on rated load
KBPC3501 KBPC3502 KBPC3504 KBPC3506
KBPC3510
50
50
100
100
200
200
400
400
600
600
800
800
1000
1000
35
70
140
280
420
560
700
35.0
400
V
TA = 25°C
V
µA
mA
Storage Temperature Range
°C
°C
Maximum Forward Voltage Drop
per Element at 17.5A
Maximum Reverse Current at Rated DC
Blocking Voltage per Element
Operating Temperature Range
1.2
10.0
1.0
- 55 to + 125
- 55 to + 150
TA = 100°C
KBPC3508
VRRM
VRMS
VDC
IF(AV)
IFSM
IR
TJ
TSTG
VF
°C
(see Fig 2)
(see Fig 1)
(see Fig 3)
(see Fig 4)
RMS Isolation Voltage from Case to Terminals
VISO
2500
V
BR3505
BR351
BR352
BR354
BR356
BR3510
BR358
Plastic Case
* Lead out wires can be supplied as an alternative to blades - add suffix W to part number e.g. KBPC3506W
Metal Case
Dimensions in millimetres
25.4
max
11.5
max
Ø 4.9
Ø 2.4
±
KBPC3500 / BR350 SERIES
°C/w
Typical Thermal Resistance
2.0
RθJC
Reformatted by Anglia 9901
E-MAIL: info@angliac.com
WEB: www.angliac.com


Similar Part No. - KBPC3500

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC3500 WTE-KBPC3500 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
KBPC3500 EIC-KBPC3500 Datasheet
41Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBPC3500 WTE-KBPC3500 Datasheet
54Kb / 4P
35A SINGLE-PHASE BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC3500 JGD-KBPC3500 Datasheet
150Kb / 2P
HIGH CURRENT 15,25,35,50 AMPS . SINGLE PHASE BRIDGE RECTIFIERS
logo
SynSemi, Inc.
KBPC3500 SYNSEMI-KBPC3500 Datasheet
41Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBPC3500

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBL0 ETC-KBL0 Datasheet
123Kb / 2P
4.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC100 ETC-KBPC100 Datasheet
119Kb / 2P
3.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC2500-BR250 ETC-KBPC2500-BR250 Datasheet
124Kb / 2P
25 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
WL005M ETC1-WL005M Datasheet
89Kb / 2P
1.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Edal Industries, Inc.
3PB35 EDAL-3PB35 Datasheet
126Kb / 1P
Three Phase 35 Amp Silicon Bridge Rectifier
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
New Jersey Semi-Conduct...
2KBP005M NJSEMI-2KBP005M Datasheet
119Kb / 1P
2.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com