Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM82C84A-2GS Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM82C84A-2GS
Description  CLOCK GENERATOR AND DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C84A-2GS Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM82C84A-2GS Datasheet HTML 5Page - OKI electronic componets MSM82C84A-2GS Datasheet HTML 6Page - OKI electronic componets MSM82C84A-2GS Datasheet HTML 7Page - OKI electronic componets MSM82C84A-2GS Datasheet HTML 8Page - OKI electronic componets MSM82C84A-2GS Datasheet HTML 9Page - OKI electronic componets MSM82C84A-2GS Datasheet HTML 10Page - OKI electronic componets MSM82C84A-2GS Datasheet HTML 11Page - OKI electronic componets MSM82C84A-2GS Datasheet HTML 12Page - OKI electronic componets MSM82C84A-2GS Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9/18
¡ Semiconductor
MSM82C84A-2RS/GS/JS
OPERATIONAL DESCRIPTION
(1) Oscillator Circuit
The MSM82C84A-2 internal oscillator circuit can be driven by connecting a crystal oscillator to
the X1 and X2 pins.
The frequency of the crystal oscillator in this case needs to be three times greater than the desired
CLK frequency.
Since the oscillator circuit output (the same output as for the crystal resonator frequency)
appears at the OSC pin, independent use of this output is also possible.
Oscillator Circuit Example
C1


C2
X1
X2
MSM
82C84A-2
OSC
Crystal Oscillator
When input frequency is 6 to 15 MHz
C1 = C2 = 33 pF
When input frequency is 15 to 24 MHz
C1 = C2 = 10 pF
Note: Because Oscillator circuit and values depend on crystal oscillator characteristics,
OKI recommends to make contact with crystal oscillator vendor to determine
the best circuit and values for customers' application.
(2) Clock Generator Circuit
This circuit generates two clock outputs-CLK obtained by dividing the input external clock or
crystal oscillator circuit output by three, and PCLK obtained by halving CLK. CLK and PCLK
are generated from the external clock applied to the EFI pin when F/C is at high level, and are
generated from the crystal oscillator circuit when at low level.
(3) Reset Circuit
Since a Schmitt trigger circuit is used in the RES input, the MSM82C84A-2 can be reset by “power
on” by connection to a simple RC circuit. If the MSM80C86A-10 or MSM80C88A-10 is used as
the CPU in this case, it is necessary to keep the RES input at low level for at least 50 ms after Vcc
reaches the 4.5V level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com