Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C919W Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C919W
Description  3.3V PRECISION CLOCK GENERATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C919W Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C919W Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C919W Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C919W Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
PS7038B
09/08/97
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C918/919
3.3V Precision Clock Generator
Storage Temperature ................................................................. –65°C to +150°C
Ambient Temperature with Power Applied .................................... 0°C to +70°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) .......... –0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ....... –0.5V to +7.0V
DC Input Voltage ......................................................................... –0.5V to +7.0V
DC Output Current ................................................................................... 120 mA
Power Dissipation ......................................................................................... 0.5W
Note:
Stresses greater than those listed under
MAXIMUM RATINGS may cause perma-
nent damage to the device. This is a stress
rating only and functional operation of the
device at these or any other conditions above
those indicated in the operational sections of
this specification is not implied. Exposure
to absolute maximum rating conditions for
extended periods may affect reliability.
DC Electrical Characteristics
Operating Range, VCC = 3.3V ±10% (918/919/918A/919A). Vcc = 3.3V ±5% (918B/919B), Temperature 0°C to +70°C
Symbol
Description
Test Conditions(1)
Min.
Typ.
Max.
Units
dT
Duty Cycle,
VTH = 1.4V
45
50
55
%
Tr, Tf
Rise/Fall Time
20% and 80% Vcc
—
—
3
ns
tPU
Power-up Time(2)
——10
ms
FXTAL
Crystal Input Frequency
918/918A/919/919A
10
—
20
MHz
918B/919B
10
—
24
Tj1s
One Sigma Jitter
f
VCO ≥
≥≥≥≥60 MHz
—
—
60
ps
Note:
1. Test load of 15 pF, 2-inch trace
2. Time from when the power supply reaches 90% until locked clock output waveform is reached.
Maximum Ratings
Note: 1. There is no guarantee that on-chip capacitance eliminates the need for external capacitors.
AC Electrical Characteristics
Operating Range, VCC = 3.3V ±10% (918/919/918A/919A). Vcc = 3.3V ±5% (918B/919B), Temperature 0°C to +70°C
l
o
b
m
y
Sn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V
H
O
e
g
a
t
l
o
V
H
G
I
H
t
u
p
t
u
O
V
,
.
n
i
M
=
c
c
V
N
I
V
=
H
I
V
r
o
L
I
V
H
O
A
m
8
-
=V
C
C
4
.
0
--
-
V
V
L
O
e
g
a
t
l
o
V
W
O
L
t
u
p
t
u
OV
L
O
A
m
8
=-
-
4
.
0
V
H
I
e
g
a
t
l
o
V
H
G
I
H
t
u
p
n
I
t
c
e
l
e
S
V
C
C
V
5
=
0
.
2-
-
V
L
I
e
g
a
t
l
o
V
W
O
L
t
u
p
n
I
t
c
e
l
e
S
--
8
.
0
V
H
I
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
I
t
c
e
l
e
SV
C
C
V
,
.
x
a
M
=
N
I
=V
C
C
--
5
µA
V
L
I
t
n
e
r
r
u
C
W
O
L
t
u
p
n
I
t
c
e
l
e
SV
C
C
V
,
.
x
a
M
=
N
I
V
0
=-
-
0
1
-
I
C
C
t
n
e
r
r
u
C
y
l
p
p
u
SV
C
C
z
H
M
0
4
=
y
c
n
e
u
q
e
r
f
K
L
C
,
.
x
a
M
=-
0
10
2A
m
L
Re
c
n
a
t
s
i
s
e
R
e
v
i
t
a
g
e
N
2
X
,
1
X
0
0
0
,
1
-0
0
0
,
2
--
Ω
R
B
F
l
a
n
r
e
t
n
I
2
X
,
1
X
p
i
h
c
-
n
O
e
c
n
a
t
s
i
s
e
R
k
c
a
b
d
e
e
F
7
2
2-
-
k
Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com