Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M440T1MV Datasheet(PDF) 20 Page - STMicroelectronics

Part # M440T1MV
Description  3.3V, 32 Mbit (1024 Kbit x 32) TIMEKEEPER SRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M440T1MV Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M440T1MV Datasheet HTML 16Page - STMicroelectronics M440T1MV Datasheet HTML 17Page - STMicroelectronics M440T1MV Datasheet HTML 18Page - STMicroelectronics M440T1MV Datasheet HTML 19Page - STMicroelectronics M440T1MV Datasheet HTML 20Page - STMicroelectronics M440T1MV Datasheet HTML 21Page - STMicroelectronics M440T1MV Datasheet HTML 22Page - STMicroelectronics M440T1MV Datasheet HTML 23Page - STMicroelectronics M440T1MV Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
M440T1MV
20/26
Data Retention Mode
Should the supply voltage decay, the RAM will au-
tomatically deselect, write protecting itself when
VCC falls between VPFD (max), VPFD (min) win-
dow. All outputs become high impedance and all
inputs are treated as “Don't care.”
Note: A power failure during a WRITE cycle may
corrupt data at the current addressed location, but
does not jeopardize the rest of the RAM's content.
At voltages below VPFD (min), the memory will be
in a write protected state, provided the VCC fall
time is not less than tF. The M440T1MV may re-
spond to transient noise spikes on VCC that cross
into the deselect window during the time the de-
vice is sampling VCC.Therefore, decoupling of the
power supply lines is recommended. When VCC
drops below VSO, the control circuit switches pow-
er to the internal battery, preserving data and pow-
ering the clock. The internal energy source will
maintain data in the M440T1MV for an accumulat-
ed period of 5 years at 45°C. As system power ris-
es above VSO, the battery is disconnected, and the
power supply is switched to external VCC. Write
protection continues until VCC reaches VPFD (min)
plus tER (min). Normal RAM operation can resume
tER after VCC exceeds VPFD (max). Refer to Appli-
cation Note (AN1012) on the ST Web Site for more
information on battery life.
Figure 15. Power Down/Up Mode AC Waveforms
Table 12. Power Down/Up Trip Points DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –15 to 75°C; VCC = 3.0 to 3.6V (except where noted).
2. All voltages referenced to VSS.
3. At 45°C, VCC = 0V.
Symbol
Parameter(1,2)
M440T1MV
Unit
Min
Typ
Max
VPFD
Power-fail Deselect Voltage
2.8
2.9
2.97
V
VSO
Battery Back-up Switchover Voltage
2.5
V
tDR
(3)
Expected Data Retention Time
5
YEARS
AI04792
VCC
INPUTS
OUTPUTS
DON'T CARE
HIGH-Z
tFB
tR
tRB
VALID
VALID
RECOGNIZED
RECOGNIZED
VPFD (max)
VPFD (min)
VSO
tREC
tF
tDR
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com