Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1585 Datasheet(PDF) 1 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

Part # SF1585
Description  Cost Effective, High Power, 管-BalanceTM PWM Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Direct Link  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SF1585 Datasheet(HTML) 1 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

  SF1585 Datasheet HTML 1Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF1585 Datasheet HTML 2Page - SIFIRST TECHNOLOGIES NANHAI LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©SiFirst Technology
- 1 -
Confidential
SiFirst_DS_1585_V1.1
SF1585
FEATURES
◆ 800mA
Drive
Capability,
up
to
100W
Application with Low System Cost
◆ Proprietary η
-Balance
TM
Control to Boost
Light Load Efficiency
◆ Proprietary
“Audio
Noise
Free
OCP
Compensation”
◆ Proprietary “Zero OCP/OPP Recovery Gap”
Control
◆ Latch
Plug-off
Protection
with
External
Triggering
◆ Fixed 65KHz Switching Frequency
◆ Built-in Soft Start Function
◆ Pins Floating Protection
◆ Current Mode Control
◆ Built-in Frequency Shuffling
◆ Built-in Synchronous Slope Compensation
◆ Cycle-by-Cycle Current Limiting
◆ Built-in Leading Edge Blanking (LEB)
◆ Constant Power Limiting
◆ Audio Noise Free Operation
◆ VDD UVLO, OVP & Clamp
APPLICATIONS
Offline AC/DC Flyback Converter for
◆ AC/DC Adaptors
◆ Open-frame SMPS
◆ Print Power, Scanners, and Motor Drivers
GENERAL DESCRIPTION
SF1585 is a high performance, cost effective, highly
integrated current mode PWM controller for medium
to large offline flyback power converter applications.
In SF1585, PWM switching frequency with shuffling is
fixed to 65KHz and is trimmed to tight range. When
the
output
power
demands
decrease,
the
IC
decreases
switching
frequency
based
on
the
proprietary η
-Balance
TM
control to boost power
conversion efficiency at the light load When the
current set-point falls below a given value, e.g. the
output power demand diminishes, the IC enters into
burst mode and provides excellent efficiency without
audio noise.
SF1585 can achieve “Zero OCP/OPP Recovery
Gap” using SiFirst’s proprietary control algorithm. It
also has built in proprietary “Audio Noise Free OCP
Compensation”, which can achieve constant power
limiting and can achieve audio noise operation at
heavy loading when line input is around 90VAC.
SF1585 integrates functions and protections of Under
Voltage
Lockout
(UVLO),
VCC
Over
Voltage
Protection (OVP), Cycle-by-cycle Current Limiting
(OCP), External Programmable Over Temperature
Protection (OTP), All Pins Floating Protection, Over
Load
Protection
(OLP),
Gate
Clamping,
VCC
Clamping, Leading Edge Blanking (LEB).
In SF1585, the OTP and VDD OVP is Latch Plug-off
protection. The other protection functions are auto-
recovery mode protection.
SF1585 is available in SOT23-6, DIP-8 packages.
TYPICAL APPLICATION
EMI
Filter
AC IN
VDD
GATE
2 FB
GND
CS
SF1585
DC Out
RT
3
1
5
4
6
TL431
NTC
Cost Effective, High Power, η
-Balance
TM
PWM Controller


Similar Part No. - SF1585

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF15 MOSPEC-SF15 Datasheet
137Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
logo
Won-Top Electronics
SF15 WTE-SF15 Datasheet
46Kb / 3P
1.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF15 ZOWIE-SF15 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF15 RECTRON-SF15 Datasheet
27Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
logo
Jinan Gude Electronic D...
SF15 JGD-SF15 Datasheet
161Kb / 2P
1.0 AMP. SUPER FAST RECTIFIERS
More results

Similar Description - SF1585

ManufacturerPart #DatasheetDescription
logo
SIFIRST TECHNOLOGIES NA...
SF1531S SIFIRST-SF1531S Datasheet
63Kb / 2P
管-BalanceTM Current Mode PWM Controller
SF1533 SIFIRST-SF1533 Datasheet
52Kb / 2P
管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF1539 SIFIRST-SF1539 Datasheet
51Kb / 2P
管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF1539W SIFIRST-SF1539W Datasheet
86Kb / 2P
管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF1546 SIFIRST-SF1546 Datasheet
87Kb / 2P
管-BalanceTM PWM Power Switch Fixed 65KHz Fsw
SF1548 SIFIRST-SF1548 Datasheet
64Kb / 2P
管-BalanceTM PWM Power Switch Fixed 65KHz Fsw
SF1549 SIFIRST-SF1549 Datasheet
65Kb / 2P
管-BalanceTM PWM Power Switch Fixed 65KHz Fsw
SF5539 SIFIRST-SF5539 Datasheet
87Kb / 2P
管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF5545 SIFIRST-SF5545 Datasheet
73Kb / 2P
管-BalanceTM Current Mode PWM Controller
SF5565M SIFIRST-SF5565M Datasheet
88Kb / 2P
管-BalanceTM Current Mode PWM Controller with Brownout Protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com