Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF5580DP Datasheet(PDF) 1 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

Part # SF5580DP
Description  HV-mWTM?곊?BalanceTM PWM Controller Fixed 65KHz Fsw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Direct Link  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SF5580DP Datasheet(HTML) 1 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

  SF5580DP Datasheet HTML 1Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF5580DP Datasheet HTML 2Page - SIFIRST TECHNOLOGIES NANHAI LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©SiFirst Technology
- 1 -
Confidential
SiFirst_DS_5580_V1.1
SF5580
FEATURES
◆ Proprietary
HV-mW
TM
to Achieve Less than
50mW Standby Power
◆ Proprietary η
-Balance
TM
Control to Boost
Light Load Efficiency
◆ Proprietary “Zero OCP/OPP Recovery Gap”
Control
◆ Latch
Plug-off
Protection
with
External
Triggering
◆ Fixed 65KHz Switching Frequency
◆ Built-in Soft Start Function
◆ Pin Floating Protection
◆ Frequency Reduction and Burst Mode Control
for Energy Saving
◆ Current Mode Control
◆ Built-in Frequency Shuffling
◆ Built-in Synchronous Slope Compensation
◆ Cycle-by-Cycle Current Limiting
◆ Leading Edge Blanking (LEB)
◆ Constant Power Limiting
◆ Audio Noise Free Operation
◆ VDD UVLO, OVP & Clamp
APPLICATIONS
Offline AC/DC Flyback Converter for
◆ AC/DC Adaptors
◆ Open-frame SMPS
◆ Print Power, Scanners, and Motor Drivers
GENERAL DESCRIPTION
SF5580 is a high performance, highly integrated
current mode PWM controller for medium to large
offline flyback power converter applications.
In SF5580, PWM switching frequency with shuffling is
fixed to 65KHz and is trimmed to tight range. When
the
output
power
demands
decrease,
the
IC
decreases
switching
frequency
based
on
the
proprietary η
-Balance
TM
control to boost power
conversion efficiency at the light load. SF5580 also
integrates proprietary
HV-mW
TM
technology to
achieve less than 50mW standby power.
SF5580 can achieve “Zero OCP/OPP Recovery
Gap” using SiFirst’s proprietary control algorithm.
SF5580 also has built in proprietary “Audio Noise
Free OCP Compensation”, which can achieve
constant power limiting and can achieve audio noise
operation at heavy loading when line input is around
90VAC.
SF5580 integrates functions and protections of Under
Voltage
Lockout
(UVLO),
VCC
Over
Voltage
Protection (OVP), Cycle-by-cycle Current Limiting
(OCP), External Programmable Over Temperature
Protection (OTP), Pin Floating Protection, Over Load
Protection (OLP), Soft Start, Gate Clamping, VCC
Clamping, etc.
In SF5580, the OTP, VDD OVP, and RT-pin triggered
protections are Latch Plug-off protection. The other
protection
functions
are
auto-recovery
mode
protection.
SF5580 is available in SOP8 and DIP8 packages.
TYPICAL APPLICATION
HV-mW
TM、η-BalanceTM PWM Controller Fixed 65KHz Fsw


Similar Part No. - SF5580DP

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF55 MOSPEC-SF55 Datasheet
127Kb / 2P
POWER RECTIFIERS(5.0A, 50-400V)
logo
Won-Top Electronics
SF55 WTE-SF55 Datasheet
47Kb / 3P
5.0A SUPER-FAST RECTIFIER
logo
Rectron Semiconductor
SF55 RECTRON-SF55 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes)
logo
Bytes
SF55 BYTES-SF55 Datasheet
161Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF55 DCCOM-SF55 Datasheet
475Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
More results

Similar Description - SF5580DP

ManufacturerPart #DatasheetDescription
logo
SIFIRST TECHNOLOGIES NA...
SF1533 SIFIRST-SF1533 Datasheet
52Kb / 2P
管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF1539 SIFIRST-SF1539 Datasheet
51Kb / 2P
管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF1539HT SIFIRST-SF1539HT Datasheet
53Kb / 2P
管-BalanceTM PWM Power Switch Fixed 65KHz Fsw and OTP Protection
SF1539W SIFIRST-SF1539W Datasheet
86Kb / 2P
管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF1546 SIFIRST-SF1546 Datasheet
87Kb / 2P
管-BalanceTM PWM Power Switch Fixed 65KHz Fsw
SF1548 SIFIRST-SF1548 Datasheet
64Kb / 2P
管-BalanceTM PWM Power Switch Fixed 65KHz Fsw
SF1549 SIFIRST-SF1549 Datasheet
65Kb / 2P
管-BalanceTM PWM Power Switch Fixed 65KHz Fsw
SF5539 SIFIRST-SF5539 Datasheet
87Kb / 2P
管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF5590 SIFIRST-SF5590 Datasheet
81Kb / 2P
HV-mWTM?곊?BalanceTM PWM Controller Programmable Fsw
SF5877 SIFIRST-SF5877 Datasheet
102Kb / 2P
HV-mWTM??nd Generation Quasi-Resonant (QR-IITM ) PWM Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com