Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR73-3R3-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # DR73-3R3-R
Description  High power density, high efficiency, shielded drum core power inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

DR73-3R3-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  DR73-3R3-R Datasheet HTML 1Page - Eaton All Rights Reserved. DR73-3R3-R Datasheet HTML 2Page - Eaton All Rights Reserved. DR73-3R3-R Datasheet HTML 3Page - Eaton All Rights Reserved. DR73-3R3-R Datasheet HTML 4Page - Eaton All Rights Reserved. DR73-3R3-R Datasheet HTML 5Page - Eaton All Rights Reserved. DR73-3R3-R Datasheet HTML 6Page - Eaton All Rights Reserved. DR73-3R3-R Datasheet HTML 7Page - Eaton All Rights Reserved. DR73-3R3-R Datasheet HTML 8Page - Eaton All Rights Reserved. DR73-3R3-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Technical Data 4315
Effective September 2017
Supersedes April 2014
Product features
•
Four sizes of shielded drum core inductors
•
Inductance range from 0.33 µH to 1000 µH
•
Current range up to 56 A peak
•
Magnetically shielded
•
Secure mounting
•
Ferrite core material
Applications
•
Storage temperature range (component):
-40 °C to +125 °C
•
Operating temperature range: -40 °C to +125 °C
(ambient plus self-temperature rise)
•
Solder reflow temperature:
J-STD-020 (latest revision) compliant
DR
High power density, high efficiency, shielded drum core
power inductors
Pb HALOGEN
HF
FREE
•
Desktop and servers
•
DVD and media players
•
Portable and handheld devices
•
LCD panels
•
DC-DC converters
•
Buck, boost, forward, and resonant converters
•
Noise filtering and filter chokes
Environmental data


Similar Part No. - DR73-3R3-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DR73-3R3-R COOPER-DR73-3R3-R Datasheet
298Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
DR73-3R3-R COOPER-DR73-3R3-R Datasheet
304Kb / 7P
High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR73-3R3-R ETC2-DR73-3R3-R Datasheet
1Mb / 11P
High power density, high efficiency, shielded inductors
More results

Similar Description - DR73-3R3-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DR73-R33-R COOPER-DR73-R33-R Datasheet
298Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
DRA73 COOPER-DRA73 Datasheet
396Kb / 8P
High Power Density, High Efficiency, Shielded Inductors
DR127-100-R COOPER-DR127-100-R Datasheet
304Kb / 7P
High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR74-101 ETC2-DR74-101 Datasheet
299Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
DR127-2R2 ETC2-DR127-2R2 Datasheet
1Mb / 11P
High power density, high efficiency, shielded inductors
logo
Pulse A Technitrol Comp...
PF0552NL PULSE-PF0552NL Datasheet
320Kb / 4P
SMT POWER INDUCTORS Shielded Drum Core
logo
Eaton All Rights Reserv...
DR124 EATON-DR124 Datasheet
655Kb / 5P
High power density, high efficiency, low profile shielded drum core power inductors
LDS0705 EATON-LDS0705 Datasheet
945Kb / 4P
Shielded metalized drum core power inductors
DRAQ127 EATON-DRAQ127 Datasheet
1Mb / 5P
Automotive grade Dual winding, high power density shielded drum core power inductors
DRQ EATON-DRQ Datasheet
918Kb / 10P
Dual winding, high power density, shielded drum core power inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com