Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR73-100-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # DR73-100-R
Description  High power density, high efficiency, shielded drum core power inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

DR73-100-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  DR73-100-R Datasheet HTML 1Page - Eaton All Rights Reserved. DR73-100-R Datasheet HTML 2Page - Eaton All Rights Reserved. DR73-100-R Datasheet HTML 3Page - Eaton All Rights Reserved. DR73-100-R Datasheet HTML 4Page - Eaton All Rights Reserved. DR73-100-R Datasheet HTML 5Page - Eaton All Rights Reserved. DR73-100-R Datasheet HTML 6Page - Eaton All Rights Reserved. DR73-100-R Datasheet HTML 7Page - Eaton All Rights Reserved. DR73-100-R Datasheet HTML 8Page - Eaton All Rights Reserved. DR73-100-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Technical Data 4315
Effective September 2017
Supersedes April 2014
Product features
Four sizes of shielded drum core inductors
Inductance range from 0.33 µH to 1000 µH
Current range up to 56 A peak
Magnetically shielded
Secure mounting
Ferrite core material
Applications
Storage temperature range (component):
-40 °C to +125 °C
Operating temperature range: -40 °C to +125 °C
(ambient plus self-temperature rise)
Solder reflow temperature:
J-STD-020 (latest revision) compliant
DR
High power density, high efficiency, shielded drum core
power inductors
Pb HALOGEN
HF
FREE
Desktop and servers
DVD and media players
Portable and handheld devices
LCD panels
DC-DC converters
Buck, boost, forward, and resonant converters
Noise filtering and filter chokes
Environmental data


Similar Part No. - DR73-100-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DR73-100-R COOPER-DR73-100-R Datasheet
298Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
logo
Analog Devices
DR73-100-R AD-DR73-100-R Datasheet
690Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. 0
logo
Cooper Bussmann, Inc.
DR73-100-R COOPER-DR73-100-R Datasheet
304Kb / 7P
High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR73-100-R ETC2-DR73-100-R Datasheet
1Mb / 11P
High power density, high efficiency, shielded inductors
More results

Similar Description - DR73-100-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DR73-R33-R COOPER-DR73-R33-R Datasheet
298Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
DRA73 COOPER-DRA73 Datasheet
396Kb / 8P
High Power Density, High Efficiency, Shielded Inductors
DR127-100-R COOPER-DR127-100-R Datasheet
304Kb / 7P
High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR74-101 ETC2-DR74-101 Datasheet
299Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
DR127-2R2 ETC2-DR127-2R2 Datasheet
1Mb / 11P
High power density, high efficiency, shielded inductors
logo
Pulse A Technitrol Comp...
PF0552NL PULSE-PF0552NL Datasheet
320Kb / 4P
SMT POWER INDUCTORS Shielded Drum Core
logo
Eaton All Rights Reserv...
DR124 EATON-DR124 Datasheet
655Kb / 5P
High power density, high efficiency, low profile shielded drum core power inductors
LDS0705 EATON-LDS0705 Datasheet
945Kb / 4P
Shielded metalized drum core power inductors
DRAQ127 EATON-DRAQ127 Datasheet
1Mb / 5P
Automotive grade Dual winding, high power density shielded drum core power inductors
DRQ EATON-DRQ Datasheet
918Kb / 10P
Dual winding, high power density, shielded drum core power inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com