Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54HC86 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 54HC86
Description  High Speed CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC86 Datasheet(HTML) 1 Page - Silicon Supplies

  54HC86 Datasheet HTML 1Page - Silicon Supplies 54HC86 Datasheet HTML 2Page - Silicon Supplies 54HC86 Datasheet HTML 3Page - Silicon Supplies 54HC86 Datasheet HTML 4Page - Silicon Supplies 54HC86 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
 
 
 
High Speed CMOS TTL Input – 74HCT86
Quadruple 2-Input Exclusive OR Gate IC in bare die form
Output Drive Capability: 10 LSTTL Loads
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1600 x 1250
63 x 49
µm
mils
Minimum Bond Pad Size
120 x 120
4.72 x 4.72
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Low Input Current: 1µA
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 4.5V to 5.5V
TTL / CMOS compatible Input Levels
Function compatible with 74LS86.
Rev 1.0
09/01/19
Features:
Ordering Information
The following part suffixes apply:
The 74HCT86 Hex Inverter is fabricated using a 2.5µm 5V
CMOS process with the same high speed performance of
LSTTL combined with CMOS low power consumption. The
device contains four independent gates and performs the
Boolean function Y = A ⊕ B = AB + AB in positive logic. The
device is characterized over the full Military Temperature
Range. All inputs are protected against ESD and excess
voltage transients. Device inputs directly accept LSTTL or
CMOS.
Description
Die Dimensions in µm (mils)
1600 (63)
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
54HC86
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 5 
www.siliconsupplies.com


Similar Part No. - 54HC86

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54HC86 SS-54HC86 Datasheet
477Kb / 5P
High Speed CMOS Logic
54HC86 SS-54HC86 Datasheet
475Kb / 5P
High Speed CMOS Logic
54HC86 SS-54HC86 Datasheet
359Kb / 5P
High Speed CMOS Logic
Rev 1.0 21/11/17
54HC86 SS-54HC86_V01 Datasheet
359Kb / 5P
High Speed CMOS Logic
Rev 1.0 21/11/17
More results

Similar Description - 54HC86

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74HCT00 SS-74HCT00 Datasheet
502Kb / 5P
High Speed CMOS TTL Input
74HCT04 SS-74HCT04 Datasheet
506Kb / 5P
High Speed CMOS TTL Input
54HCT00 SS-54HCT00 Datasheet
367Kb / 5P
High Speed CMOS TTL Input
54HCT04 SS-54HCT04 Datasheet
373Kb / 5P
High Speed CMOS TTL Input
54HCT86 SS-54HCT86 Datasheet
472Kb / 5P
High Speed CMOS TTL Input
54HCT373 SS-54HCT373 Datasheet
325Kb / 7P
High Speed CMOS TTL Input
74HCT00 SS-74HCT00_V01 Datasheet
565Kb / 5P
High Speed CMOS TTL Input
54HCT163 SS-54HCT163 Datasheet
550Kb / 9P
High Speed CMOS TTL Input
Rev 1.0 06/06/19
74HCT163 SS-74HCT163 Datasheet
546Kb / 9P
High Speed CMOS TTL Input
54HCT86 SS-54HCT86_V01 Datasheet
538Kb / 5P
High Speed CMOS TTL Input
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com