Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4053B Datasheet(PDF) 4 Page - Silicon Supplies

Part # CD4053B
Description  CMOS High Voltage Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4053B Datasheet(HTML) 4 Page - Silicon Supplies

  CD4053B Datasheet HTML 1Page - Silicon Supplies CD4053B Datasheet HTML 2Page - Silicon Supplies CD4053B Datasheet HTML 3Page - Silicon Supplies CD4053B Datasheet HTML 4Page - Silicon Supplies CD4053B Datasheet HTML 5Page - Silicon Supplies CD4053B Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4 of 6 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
CMOS High Voltage Logic – CD4053B
Rev 1.0
08/09/18
AC Electrical Characteristics5 (C
L = 50pF, Input tr = tf = 20ns)
LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
5V
25
70
135
10V
25
50
95
Maximum difference
in “ON” resistance
between any two
channels
ΔRON
15V
VEE = GND = 0
10
45
65
Ω
Maximum off-
channel leakage
current, any one
channel or common
channel
IOFF
18V
VEE = GND = 0
±100
±100
±1000
nA
DC Electrical Characteristics Switches in/out, Common out/in X,Y,Z (Voltages referenced to V
EE)
DC Electrical Characteristics Supply Characteristics (Voltages referenced to V
EE)
LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
5V
5
5
150
10V
10
10
300
15V
15
20
600
Maximum quiescent
supply current
IDD
20V
Channel Select
= VDD or GND,
VEE = GND = 0
100
100
3000
nA
LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
5V
60
60
70
10V
30
30
40
Max. propagation
delay, Analog Input
to Analog Output
tPHL, tPLH
15V
RL =200kΩ,
VEE = GND = 0
20
20
30
ns
5V
350
350
400
10V
200
200
250
tPHL1, tPLH1
15V
RL =200kΩ,
VEE = GND = 0
160
160
200
ns
5V
720
720
720
10V
320
320
320
15V
RL =10kΩ,
VEE = GND = 0
240
240
240
Max. propagation
delay, Channel-
Select Input to
Analog Output
(Figure 2)
tPZL1, tPZH1
tPLZ1, tPHZ1
5V
VEE = -5V, GND =0
450
450
450
ns
5V
720
720
720
10V
320
320
320
tPZL2, tPZH2
15V
RL =10kΩ,
VEE = GND = 0
240
240
240
ns
5V
450
450
450
10V
210
210
210
15V
RL =1kΩ,
VEE = GND = 0
160
160
160
Max. Propagation
Delay, Inhibit to
Analog Output
(Figure 2)
tPLZ2, tPHZ2
5V
VEE = -10V,GND =0
300
300
600
ns
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com