Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP1007R6 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # FP1007R6
Description  High frequency, high current power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP1007R6 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  FP1007R6 Datasheet HTML 1Page - Eaton All Rights Reserved. FP1007R6 Datasheet HTML 2Page - Eaton All Rights Reserved. FP1007R6 Datasheet HTML 3Page - Eaton All Rights Reserved. FP1007R6 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 10007
Effective June 2017
FP1007R6
High frequency, high current power inductors
www.eaton.com/electronics
Packaging information - mm
Dimensions- mm
1. Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.10Vrms, 0.0Adc
2. Full Load Inductance (FLL) Test Parameters: 100kHz, 0.1Vrms, Isat1
3. Irms: DC current for an approximate temperature rise of 40°C without core loss. Derating is
necessary for AC currents. PCB layout, trace thickness and width, air-flow, and proximity of
other heat generating components will affect the temperature rise. It is recommended that
the temperature of the part not exceed 125°C under worst case operating conditions
verified in the end application.
4. Isat1: Peak current for approximately 20% rolloff at +25°C.
5. Isat2: Peak current for approximately 20% rolloff at +100°C.
6. K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L
* ∆I * 10-3. Bp-p:(Gauss), K: (K-factor from table), L: (Inductance in nH),
∆I (peak-to-peak ripple current in Amps).
7. Part Number Definition: FP1007R6-Rxx-R
FP1007R6 = Product code and size
Rxx= Inductance value in uH, R = decimal point
-R suffix = RoHS compliant
Product Specications
Part
OCL 1 ±10%
FLL 2 Min.
Irms3
Isat14 @25°C
Isat25 @100°C
DCR @20°C
Number 7
(nH)
(nH)
(Amps)
(Amps)
(Amps)
(m)
K-Factor 6
FP1007R6-R15-R
150
108
75.0
60.0
FP1007R6-R18-R
180
129
60.0
50.0
FP1007R6-R22-R
220
158
50.0
40.0
FP1007R6-R27-R
270
194
61
41.0
33.0
0.29 ± 5%
348.8
FP1007R6-R33-R
330
237
33.0
26.5
FP1007R6-R39-R
390
280
28.0
22.5
FP1007R6-R47-R
470
338
23.5
19.0
The nominal DCR is measured from point "A" to point "B"
Part Marking: 1007R6, Rxx = Inductance value in µH. (R = Decimal point) wwllyy = Date code R = Revision level Tolerance are
±0.15mm unless otherwise specified.
Soldering surfaces to be coplanar within 0.1016mm.
PCB tolerance ±0.1mm unless otherwise specified.
24.0
±0.30
1.75
11.5
1.5 dia
1.5 dia
4.0
2.0
8.1
12.0
7.1
10.60
2
1
A
A
SECTION A-A
Supplied in Tape-and-Reel packaging, 700 parts per 13 inch diameter reel.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com