Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UP2C-1R0-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # UP2C-1R0-R
Description  UNI-PAC??drum core power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

UP2C-1R0-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  UP2C-1R0-R Datasheet HTML 1Page - Eaton All Rights Reserved. UP2C-1R0-R Datasheet HTML 2Page - Eaton All Rights Reserved. UP2C-1R0-R Datasheet HTML 3Page - Eaton All Rights Reserved. UP2C-1R0-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 4111
Effective August 2017
Supersedes March 2007
Product features
Miniature surface mount design with rugged
case to eliminate core breakage
Inductance range from 0.470 uH to 1000 uH
Current range up to 18.6 A peak
Meets UL94V-0 flammability standard
Ferrite core material
Applications
Storage temperature range (component):
-40 °C to +125 °C
Operating temperature range: -40 °C to +125 °C
(ambient plus self-temperature rise)
Solder reflow temperature:
J-STD-020 (latest revision) compliant
UP2C
UNI-PAC™ drum core power inductors
Desktop computer
Workstations/servers
DVD Players
Portable power devices
Base stations
Industrial power supplies
Output filter chokes
Test equipment instrumentation
Environmental data


Similar Part No. - UP2C-1R0-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
UP2C-1R0-R COOPER-UP2C-1R0-R Datasheet
146Kb / 2P
Miniature surface mount design with rugged case to eliminate core breakage
More results

Similar Description - UP2C-1R0-R

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8400-XXX FILTRAN-8400-XXX Datasheet
70Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
8403-XXX FILTRAN-8403-XXX Datasheet
193Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
8404-XXX FILTRAN-8404-XXX Datasheet
193Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
8405-XXX FILTRAN-8405-XXX Datasheet
194Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
logo
Abracon Corporation
AIRD-03 ABRACON-AIRD-03 Datasheet
104Kb / 1P
THRU-HOLE DRUM CORE POWER INDUCTORS
logo
Pulse A Technitrol Comp...
PG0063 PULSE-PG0063 Datasheet
78Kb / 2P
SMT POWER INDUCTORS UNSHIELDED DRUM CORE
logo
Abracon Corporation
AIRD01 ABRACON-AIRD01 Datasheet
1Mb / 2P
THRU-HOLE DRUM CORE POWER INDUCTORS
10.26.12
logo
Eaton All Rights Reserv...
LDS0705 EATON-LDS0705 Datasheet
945Kb / 4P
Shielded metalized drum core power inductors
UP1B-R47-R EATON-UP1B-R47-R Datasheet
2Mb / 7P
UNI-PAC??drum core power inductors
UP2UC EATON-UP2UC Datasheet
617Kb / 4P
UNI-PAC??drum core power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com