Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN Datasheet(PDF) 2 Page - TOKYO SEIMITSU CO., LTD

Part # MN
Description  Evolutionary version of standard type in response to the needs of ultra-thin blade
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

MN Datasheet(HTML) 2 Page - TOKYO SEIMITSU CO., LTD

  MN Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD MN Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NICKEL BOND BLADES
1A8
S
D
8/16
-
MMN
S
SN
H
M
S
H
D
T
580:NICKEL BOND BLADES(MN)
PRECISION ACCRETECH BLADE
■ Ordering the product
1) Shape and size/ Detailed blade shape and precision etc.
2) Specifications/ Desired specification as well as the current in-use blade etc.
3) Cutting work and condition/ Machine in use, RPM, feed speed, coolant flow rate etc.
When ordering our product, please refer to our catalog and let
us know the details of the product as below.
■ Precautions
* The catalog is subject to change without notice.
* The catalog is not to guarantee the product quality.
In order to use the product safely and to bring out the best of the
blade's performance, please make sure to thoroughly read the
specifications and other related materials of the product.
■ Specification and Notation
■ Dimension and Notation
■ Production
Range
Shape
Slit
Grit type
Grit size
Type
■Concentration
■Slit
High
Standard
Low
Standard
type
Slant
type
■ Production Range
Drawing notation
MN type
2968-2, Ishikawa-machi, Hachioji-city, Tokyo 192-0032, Japan TEL.+81(42)642-0390 FAX.+81(42)642-0484
http://www.accretech.jp
■ Production Range
Grit
size
(um)
8/16
8/20
12/25
20/30
30/40
40/60
1000
800
700
600
500
400
0.05<T
<0.06
●
0.06<T
<0.08
●
●
●
0.08<T
<0.1
●
●
●
●
0.1<T
<0.12
●
●
●
●
●
0.12<T
<0.2
●
●
●
●
●
●
Blade thickness (mm)
Mesh
size
56D
0.05T
40H
2d
1W
16N
O.D.
Blade thickness
I.D.
Depth of slit
Width of slit
No. of slit
Grit
size
(um)
8/16
8/20
12/25
20/30
30/40
40/60
Mesh
size
1000
800
700
600
500
400
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
H
M
N
Concentration
*1 #325 is ±0.01.
*2 0.025~0.05 is ±0.003.
O.D./D
+0.1/-0
50≦D<53
53≦D<58
58≦D<62
62≦D<80
80≦D≦100
Blade thickness/T(mm)
±0.005 *1
0.025≦T≦0.4 *2
0.04≦T≦0.4 *2
0.05≦T≦0.4
0.08≦T≦0.4
0.1≦T≦0.4
40
40≦H≦88.9
I.D./H(mm)
H6
By blade exposure
Depth of slit/d
(mm)
0.5, 1, 2, 3
Width of slit/W
(mm)
8, 16, 32, 64
No. of slit/N
C-93-580-E-1809A
TOKYO SEIMITSU



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com