Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTX0.68-1A-R Datasheet(PDF) 6 Page - Eaton All Rights Reserved.

Part # CTX0.68-1A-R
Description  ECONO-PAC??OCTA-PAC짰 OCTA-PAC짰 PLUS Dual winding toroid power inductors/transformers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CTX0.68-1A-R Datasheet(HTML) 6 Page - Eaton All Rights Reserved.

  CTX0.68-1A-R Datasheet HTML 1Page - Eaton All Rights Reserved. CTX0.68-1A-R Datasheet HTML 2Page - Eaton All Rights Reserved. CTX0.68-1A-R Datasheet HTML 3Page - Eaton All Rights Reserved. CTX0.68-1A-R Datasheet HTML 4Page - Eaton All Rights Reserved. CTX0.68-1A-R Datasheet HTML 5Page - Eaton All Rights Reserved. CTX0.68-1A-R Datasheet HTML 6Page - Eaton All Rights Reserved. CTX0.68-1A-R Datasheet HTML 7Page - Eaton All Rights Reserved. CTX0.68-1A-R Datasheet HTML 8Page - Eaton All Rights Reserved. CTX0.68-1A-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Technical Data DS4314
Effective June 2017
ECONO-PAC™/OCTA-PAC® OCTA-PAC® PLUS
Dual winding toroid power inductors/transformers
6
www.eaton.com/electronics
Mechanical Diagrams
CTX 1, 1P, 1A Series
CTX 2, 2P, 2A Series
CTX 3, 3P, 3A Series
CTX 4, 4P, 4A Series
Dimensions in Millimeters.
wwllyy = (date code) R = revision level



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com