Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM220511 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # EM220511
Description  EuroMag Series PCB Mount Terminal Blocks
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EM220511 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  EM220511 Datasheet HTML 1Page - Eaton All Rights Reserved. EM220511 Datasheet HTML 2Page - Eaton All Rights Reserved. EM220511 Datasheet HTML 3Page - Eaton All Rights Reserved. EM220511 Datasheet HTML 4Page - Eaton All Rights Reserved. EM220511 Datasheet HTML 5Page - Eaton All Rights Reserved. EM220511 Datasheet HTML 6Page - Eaton All Rights Reserved. EM220511 Datasheet HTML 7Page - Eaton All Rights Reserved. EM220511 Datasheet HTML 8Page - Eaton All Rights Reserved. EM220511 Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
For additional product information, visit
www.eaton.com/connectors
Part Numbering System
Series
# of Poles
nnnnnnnnnnnn nnnn
02 to 24
EM 3 9 2 3
Poles
2
3
4
5
6
7
8
9
10
11
12
13
L (mm)
7.0
10.5
14.0
17.5
21.0
24.5
28.0
31.5
35.0
38.5
42.0
45.5
Poles
14
15
16
17
18
19
20
21
22
23
24
L (mm)
49.5
52.5
56.0
59.5
63.0
66.5
70.0
73.5
77.0
80.5
84.0
To convert to inches, divide by 25.4
7.2+_0.3
(0.283")
0.5+_0.1
(0.020")
3.7+_0.3
(0.146")
L+_0.5
0.9+_0.1
(0.035")
3.5+_0.1
(0.137")
1.75+_0.3
(0.069")
3.5+_0.1
(0.137")
ø1.3
(ø0.051")
PCB Hole Layout
EM392305
Dimensions - mm (in)
EuroMag Series PCB Mount Terminal Blocks
EM3923 Series
EuroMag Terminal Blocks
3.50 Centers; Modular
SPECIFICATIONS
Rating:
10A, 300V
Center Spacing: 0.138” (3.50mm)
Wire Range: #16-26 AWG
Housing Material: UL rated 94V0 Thermoplastic
Contact Material: Brass Tin-Plated
Cage Material: Brass, Nickel-Plated
Screw Size: M2.0
Zinc-Plated Steel
Operating Temperature: 105°C (221°F) max., -40°C
(-67°F) min.
Torque Rating:
1.5 lb-in.
Recommended PCB Hole Diameters: 0.055" (1.40mm)
Construction: Modular design features dovetails fo
r
interlocking to achieve longer lengths
Agency Information:
File E62622; CE Certified
38


Similar Part No. - EM220511

ManufacturerPart #DatasheetDescription
logo
Clarke International
EM22110007 CLARKE-EM22110007 Datasheet
3Mb / 28P
PLASMA CUTTER
LS0514
logo
Eaton All Rights Reserv...
EM2218 EATON-EM2218 Datasheet
952Kb / 1P
Header with Flanges; (Mates with EM2118, EM3118 Series); 5.08 Centers
EM221802H EATON-EM221802H Datasheet
952Kb / 1P
Header with Flanges; (Mates with EM2118, EM3118 Series); 5.08 Centers
EM221802V EATON-EM221802V Datasheet
952Kb / 1P
Header with Flanges; (Mates with EM2118, EM3118 Series); 5.08 Centers
EM221803H EATON-EM221803H Datasheet
952Kb / 1P
Header with Flanges; (Mates with EM2118, EM3118 Series); 5.08 Centers
More results

Similar Description - EM220511

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
EM257508VO COOPER-EM257508VO Datasheet
96Kb / 1P
EuroMag Series PCB Mount Pluggable Terminal Blocks
logo
List of Unclassifed Man...
KT4-BK ETC2-KT4-BK Datasheet
45Kb / 1P
Base Mount Terminal Blocks
EB43-02-G ETC2-EB43-02-G Datasheet
223Kb / 1P
Terminal Blocks Eurostyle, PCB
N512-BK ETC2-N512-BK Datasheet
77Kb / 1P
Rail Mount Terminal Blocks
logo
Eaton All Rights Reserv...
EM3123 EATON-EM3123 Datasheet
834Kb / 1P
EuroMag Series PCB Mount Terminal Blocks
EM3675 EATON-EM3675 Datasheet
647Kb / 1P
EuroMag Series PCB Mount Terminal Blocks
EM5025 EATON-EM5025 Datasheet
811Kb / 1P
EuroMag Series PCB Mount Pluggable Terminal Blocks
EM2665 EATON-EM2665 Datasheet
1Mb / 1P
EuroMag Terminal Blocks 5.00 Centers
EM2742 EATON-EM2742 Datasheet
681Kb / 1P
EuroMag Terminal Blocks Screwless; 2.54 Centers
EM2795 EATON-EM2795 Datasheet
927Kb / 1P
EuroMag Terminal Blocks Screwless; 5.08 Centers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com