Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS91309 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS91309
Description  High performance Communication Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS91309 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS91309 Datasheet HTML 1Page - Integrated Circuit Systems ICS91309 Datasheet HTML 2Page - Integrated Circuit Systems ICS91309 Datasheet HTML 3Page - Integrated Circuit Systems ICS91309 Datasheet HTML 4Page - Integrated Circuit Systems ICS91309 Datasheet HTML 5Page - Integrated Circuit Systems ICS91309 Datasheet HTML 6Page - Integrated Circuit Systems ICS91309 Datasheet HTML 7Page - Integrated Circuit Systems ICS91309 Datasheet HTML 8Page - Integrated Circuit Systems ICS91309 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS91309
0093G—02/11/04
Block Diagram
High Performance Communication Buffer
Pin Configuration
Zero input - output delay
Frequency range 10 - 133 MHz (3.3V)
5V tolerant input REF
High loop filter bandwidth ideal for Spread Spectrum
applications.
Less than 125 ps cycle to cycle Jitter
Skew controlled outputs
Available in 16 pin, 150 mil SSOP, SOIC & 4.40mm
TSSOP packages
Skew: Group-to-Group: <215 ps
Skew within Group: <100 ps
Commercial temperature range: 0°C to +70°C
The ICS91309 is a high performance, low skew, low jitter
zero delay buffer.
It uses a phase lock loop (PLL)
technology to align, in both phase and frequency, the REF
input with the CLKOUT signal. It is designed to distribute
high speed clocks in communication systems operating
at speeds from 10 to 133 MHz.
The ICS91309 provides synchronization between the
input and output. The synchronization is established via
CLKOUT feed back to the input of the PLL. Since the skew
between the input and output is less than +/- 350 pS, the
part acts as a zero delay buffer.
ICS91309 has two banks of four outputs controlled by two
address lines. Depending on the selected address line,
bank B or both banks can be put in a tri-state mode. In this
mode, the PLL is still running and only the output buffers
are put in a high impedance mode. The test mode shuts
off the PLL and connects the input directly to the output
buffers (see table below for functionality).
ICS91309 comes in a 16-pin 150 mil SOIC, SSOP or
4.40mm TSSOP package. In the absence of REF input,
the device will enter a powerdown mode. In this mode, the
PLL is turned off and the output buffers are pulled low.
Power down mode provides the lowest power consumption
for a standby condition.
16 pin SSOP, SOIC & TSSOP
REF
CLKA1
CLKA2
VDD
GND
CLKB1
CLKB2
FS2
CLKOUT
CLKA4
CLKA3
VDD
GND
CLKB4
CLKB3
FS1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Functionality
FS2 FS1 CLKA(1:4) CLKB(1:4)
CLKOUT
Ouput
Source
PLL
Shutdown
0
0
Tristate
Tristate
Driven
PLL
N
0
1
Driven
Tristate
Driven
PLL
N
10
PLL
Bypass
Mode
PLL Bypass
Mode
PLL
Bypass
Mode
REF
Y
1
1
Driven
Driven
Driven
PLL
N


Similar Part No. - ICS91309

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS91309 RENESAS-ICS91309 Datasheet
329Kb / 11P
High Performance Communication Buffer
2019
More results

Similar Description - ICS91309

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A212 MITEL-1A212 Datasheet
198Kb / 10P
High-Performance DUPLEX(Half-Duplex Communication)
1A353 MITEL-1A353 Datasheet
195Kb / 10P
High-Performance Duplex(Half-Duplex Communication)
logo
Integrated Circuit Syst...
ICS91305 ICST-ICS91305 Datasheet
86Kb / 8P
High Performance Communication Buffer
logo
Integrated Circuit Solu...
ICS91305I ICSI-ICS91305I Datasheet
124Kb / 8P
High Performance Communication Buffer
logo
Integrated Device Techn...
ICS91305I IDT-ICS91305I Datasheet
163Kb / 9P
HIGH PERFORMANCE COMMUNICATION BUFFER Zero input - output delay
logo
Texas Instruments
CDCVF2310 TI1-CDCVF2310 Datasheet
884Kb / 23P
High-Performance Clock Buffer
logo
Pericom Semiconductor C...
PI6C4911504-03 PERICOM-PI6C4911504-03 Datasheet
949Kb / 9P
High Performance LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS91305 RENESAS-ICS91305 Datasheet
287Kb / 9P
High Performance Communication Buffer
2019
ICS91305I RENESAS-ICS91305I Datasheet
335Kb / 10P
HIGH PERFORMANCE COMMUNICATION BUFFER
REV G 090612
ICS91309 RENESAS-ICS91309 Datasheet
329Kb / 11P
High Performance Communication Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com