Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS91309MLF-T Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS91309MLF-T
Description  High performance Communication Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS91309MLF-T Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS91309MLF-T Datasheet HTML 1Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 2Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 3Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 4Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 5Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 6Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 7Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 8Page - Integrated Circuit Systems ICS91309MLF-T Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
ICS91309
0093G—02/11/04
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . 7.0 V
Logic Inputs (Except REF) . . . . . . . . . . . . . . GND –0.5 V to VDD + 0.5 V
Logic Input REF . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to GND + 5.5 V
Ambient Operating Temperature . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Electrical Characteristics - Input & Supply
TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-10%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Input High Current
IIH
VIN = VDD
0.1
100
uA
Input Low Current
IIL
VIN = 0 V
19
50
uA
Output High Voltage
VoH
IoH = -12 mA
2.4
V
Output Low Voltage
VoL
IoL = 12 mA
0.4
V
Operating Supply
Current
IDD
Outputs Unloaded; REF = 66 MHz
30
45
mA
Powerdown Current
IDD
REF = 0 Mhz
0.3
12
uA
Input Frequency
Fi
10
133
MHz
Input Capacitance
1
CIN
5pF
NOTES:
1. Guaranteed by design and characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com