Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54HC03 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54HC03
Description  High Speed CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC03 Datasheet(HTML) 2 Page - Silicon Supplies

  54HC03 Datasheet HTML 1Page - Silicon Supplies 54HC03 Datasheet HTML 2Page - Silicon Supplies 54HC03 Datasheet HTML 3Page - Silicon Supplies 54HC03 Datasheet HTML 4Page - Silicon Supplies 54HC03 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5 
www.siliconsupplies.com
 
d 
 
 
 
 
  
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
High Speed CMOS Logic – 54HC03
Rev 1.0
16/04/18
Pad Layout and Functions
1200µm (47.24 mils)
0,0
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
A1
0.131
0.460
2
B1
0.131
0.153
3
Y1
0.305
0.121
4
A2
0.489
0.121
5
B2
0.786
0.121
6
Y2
0.970
0.131
7
GND
0.980
0.462
8
Y3
0.980
0.764
9
A3
0.950
1.115
10
B3
0.713
1.125
11
Y4
0.543
1.125
12
A4
0.369
1.125
13
B4
0.131
1.091
14
VCC
0.131
0.631
CONNECT CHIP BACK TO VCC OR FLOAT
 
Truth Table
Logic Diagram
1
2
3
4
5
6
7
8
9
10
11
12
13
DIE ID
14
A1
B1
A2
B2
A3
B3
A4
B4
1
2
4
5
9
10
12
13
3
6
8
11
Y1
Y2
Y3
Y4
INPUTS
OUTPUT
A
B
Y
L
L
H
H
L
H
L
H
Z
Z
Z
L
H = High level (steady state)
L = Low level (steady state)
Z = High Impedance state
 
Pad 14 = VCC
Pad 7 = GND
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com