Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54HC04 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54HC04
Description  High Speed CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC04 Datasheet(HTML) 2 Page - Silicon Supplies

  54HC04 Datasheet HTML 1Page - Silicon Supplies 54HC04 Datasheet HTML 2Page - Silicon Supplies 54HC04 Datasheet HTML 3Page - Silicon Supplies 54HC04 Datasheet HTML 4Page - Silicon Supplies 54HC04 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
High Speed CMOS Logic – 54HC04
Rev 1.0
22/04/19
Pad Layout and Functions
Pad 14 = VCC
Pad 7 = GND
 
Logic Diagram
Truth Table
INPUTS
A
OUTPUT
Y
H
L
L
H
H = High level (steady state)
L = Low level (steady state)
 
4
5
3
2
1
14
13
12
11
10
9
8
7
6
DIE ID
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
1A
210
155
2
1Y
210
320
3
2A
60
320
4
2Y
-103
320
5
3A
-210
320
6
3Y
-210
117
7
GND
-210
0
8
4Y
-210
-117
9
4A
-210
-320
10
5Y
-103
-320
11
5A
60
-320
12
6Y
210
-320
13
6A
210
-178
14
VCC
210
9
CONNECT CHIP BACK TO VCC OR FLOAT
0,0
560µm (22 mils)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com