Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6137ASOPTR Datasheet(PDF) 6 Page - Fitipower Integrated Technology Inc.

Part # FP6137ASOPTR
Description  3A/2A Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6137ASOPTR Datasheet(HTML) 6 Page - Fitipower Integrated Technology Inc.

Back Button FP6137ASOPTR Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 10Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FP6137-2.1-MAR-2013
FP6137A/B
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
Figure10. Output Short-Circuit Protection
Figure11. Output Short-Circuit Protection
Figure12. 1.25VOUT @ 2A Transient Response
Figure13. 1.25VOUT @ 3A Transient Response
Figure 14. 0.9VOUT @ 2A Transient Response
Figure 15. 0.9VOUT @ 3A Transient Response
Switching Frequency=1kHz
VCNTL=3.3V
VREFEN=0.9V, 2A
Switching Frequency=1kHz
VCNTL=3.3V
VREFEN=0.9V, 3A
Source
VCNTL=3.3V
VIN=2.5V, VREFEN=1.25V
Sink
VCNTL=3.3V
VIN=2.5V, VREFEN=1.25V
Switching Frequency=1kHz
VCNTL=3.3V
VREFEN=1.25V, 2A
Switching Frequency=1kHz
VCNTL=3.3V
VREFEN=1.25V, 3A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com