Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD52 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # SD52
Description  High power density, low profile shielded power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

SD52 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  SD52 Datasheet HTML 1Page - Eaton All Rights Reserved. SD52 Datasheet HTML 2Page - Eaton All Rights Reserved. SD52 Datasheet HTML 3Page - Eaton All Rights Reserved. SD52 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data
4311
Effective November 2015
SD52
High power density, low profile shielded power inductors
www.eaton.com/elx
Product Specifications
Part Number6
OCL1 (μH) ±20%
Part marking
I
rms
2
(A)
I
sat
3
(A)
DCR4 (Ω)
typ.
(V us) typ.
SD52-1R2-R
1.20
A
2.33
3.14
0.0279
1.49
SD52-2R2-R
2.20
B
1.98
2.30
0.0385
2.03
SD52-3R5-R
3.50
C
1.73
1.82
0.0503
2.57
SD52-4R7-R
4.70
D
1.63
1.64
0.0568
2.84
SD52-6R8-R
6.80
E
1.39
1.28
0.0777
3.65
SD52-100-R
10.0
F
1.11
1.11
0.1215
4.19
SD52-150-R
15.0
G
0.97
0.88
0.1618
5.27
SD52-220-R
22.0
H
0.86
0.73
0.2042
6.35
SD52-270-R
27.0
J
0.73
0.65
0.2864
7.16
SD52-330-R
33.0
K
0.70
0.61
0.3074
7.70
SD52-470-R
47.0
L
0.58
0.50
0.4465
9.32
SD52-680-R
68.0
M
0.47
0.42
0.6829
11.21
SD52-101-R
100
N
0.39
0.35
1.0000
13.37
SD52-151-R
150
O
0.31
0.28
1.6100
17.00
1. Open Circuit Inductance (OCL) Test Parameters: 100 kHz, 0.25 Vrms, 0.0 Adc.
2. Irms: DC current for an approximate ∆T of 40 °C without core loss. De-rating is necessary for AC currents.
Temperature rise is dependent upon several factors, including the PCB pad layout, trace thickness and width, air-flow
and proximity to other heat generating components. It is recommended the part temperature not exceed 125 °C under
worst case operating conditions and therefore, the temperature rise should be verified in the end use application.
3. Isat: Peak current for approximately 30% rolloff at +20 °C.
4. DCR limits @ 20°C.
5. Applied Volt-Time product (V-us) across the inductor at 100 kHz necessary to generate a core loss equal to 10% of
the total losses for 40 °C temperature rise.
6. Part number definition: SD52-xxx-R
SD52= Product code and size
-xxx=Inductance value in µH, R= decimal point - If no R is present, then last character equals the number of zeros
Dimensions (mm)
Packaging information (mm)
Parts packaged on 13” Diameter reel, 3,500 parts per reel.
RECOMMENDED PCB LAYOUT
SCHEMATIC
2
1
2.0
2 plcs
6.0
1.3
2 plcs
5.2 max
5.2 max
m
Pin #1 indicator
Part marking
2
1
2.0 max
m
5.6 max
m
0.65
±
0.10
xxxx
52
Direction of feed
Ko
SECTION A-A
1.5 Dia
min.
Bo
B
Ao
A
8.0
8 0
4.00
2.00 ± 0.05
1.5 Dia.
+0.1/-0.0
A
A
1.75
5.50
12.0
+/-0.3
0
10.2
0
3.0
Ao=5.72mm
Bo=5.72mm
Ko=2.30mm
Part Marking: 1st digit= the inductance value per part marking designator, 2nd digit = bi-weekly production date code, 3rd digit = last digit of
the year produced, 4th digit= internal manufacturing code.
52 = the product size code.
Do not route traces or vias underneath the inductor.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com