Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6737 Datasheet(PDF) 10 Page - Fitipower Integrated Technology Inc.

Part # FP6737
Description  Built-In OVP White LED Step-Up Converter in Tiny Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6737 Datasheet(HTML) 10 Page - Fitipower Integrated Technology Inc.

Back Button FP6737 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP6737 Datasheet HTML 12Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FP6737/A-1.6-DEC-2011
FP6737/A
85T
fitipower integrated technology lnc.
Demo Board Circuit & Layout
SOT-23-6 Package
Top Side (SOT-23-6 Package)
Bottom Side (SOT-23-6 Package)
Component Placement(SOT-23-6 Package)
R5 0
LED2
LED1
C2
1uF
LED3
LED4
LED5
C1
1uF
LED6
LED7
R6
18K
R4
6.34 ohm
FB
3
OVP
5
SW
1
GND
2
VIN
6
EN
4
U1
FP6737
C3
1uF
L1
10uH
D1
VIN
VOUT
R1
10 ohm
Enable
C4
0.22uF
C5
0.22uF
FP6737/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com