Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM562P Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DM562P
Description  V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM562P Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DM562P Datasheet HTML 4Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 5Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 6Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 7Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 8Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 9Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 10Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 11Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
8
Preliminary
Version: DM562P-DS-P02
February 28, 2001
For the accesses to the configuration address space, the device select
decoding is done externally and is signaled via this pin. This signal is
asserted high during configuration read and write access.
8
18
28
44
C/BE3#
C/BE2#
C/BE1#
C/BE0#
I
PCI Bus Command/Byte Enable
During the address phase, these signals define the bus command or
the type of the bus transaction that will take place.
During the data phase, these pins indicate which byte lanes contain
valid data. C/BE0# applies to bit7~0 and C/BE3# applies to bit 31~24.
19
FRAME#
I
PCI Cycle Frame
This signal is driven low by the master to indicate the beginning and
duration of a bus transaction. It is deasserted when the transaction is
in its final phase.
21
IRDY#
I
PCI Initiator Ready
This signal is driven low when the master is ready to complete the
current data phase of the transaction. A data phase is completed on
any clock both IRDY# and TRDY# are sampled asserted.
22
TRDY#
I/O
PCI Target Ready
This signal is driven low when the target is ready to complete the
current data phase of the transaction. During a read, it indicates that
the valid data is asserted. During write, it indicates that the target
prepares to accept data.
23
DEVSEL#
I/O
PCI Device Select
DM6585 asserts the signal low when it recognizes its target address
after FRAME# is asserted.
24
STOP#
I/O
PCI Stop
This signal is asserted low by the target device to request the master
device to stop the current transaction.
25
PERR#
I/O
PCI Parity Error
DM6585 will assert this signal low to indicate a parity error on any
incoming data.
26
SERR#
O
PCI System Error
This signal is asserted low when an address parity is detected with
PCICS bit31 enabled. The system error asserts two clock cycles after
the address if an address parity error is detected.
27
PAR
I/O
PCI Parity
This signal indicates even parity across AD0~AD31 and
C/BE0#~C/BE3# including the PAR pin. It is stable and valid one clock
after the address phase.
36
RST#
I
Reset:
An active low signal used to reset the DM6588.
74
VCC_AUX
P
+3.3V Auxiliary Power Supply
76
RIN
I
Ring Signal Input for Auxiliary Power
77
GND_AUX
P
Auxiliary Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com