Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6770 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6770
Description  Low Noise, DC/DC Charge Pump Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6770 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6770 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6770 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6770 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6770 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6770 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6770 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6770 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6770 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6770 Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
FP6770-1.5-OCT-2011
FP6770
85T
fitipower integrated technology lnc.
Low Noise, DC/DC
Charge Pump Regulator
Pin Assignments
S6 Package (SOT-23-6)
2
1
3
6
4
5
(Marking)
VOUT GND
C-
VIN
C+
SHDN
S9 Package (TSOT-23-6)
2
1
3
6
4
5
(Marking)
VOUT GND
C-
VIN
C+
SHDN
WD Package (TDFN- 6) (1.6x1.6mm)
1
4
5
6
3
2
C+
VIN
C-
SHDN
GND
VOUT
Figure 1. Pin Assignment of FP6770
Ordering Information
SOT-23-6 Marking
Part Number
Product Code
FP6770S6P
C2
TSOT-23-6 Marking
Part Number
Product Code
FP6770S9P
C0
TDFN-6(1.6x1.6mm) Marking
Part Number
Product Code
FP6770WDG
P.
Description
The FP6770 is a low noise DC/DC charge pump
regulator that produces a regulated output voltage
from 2.7V to 5V input voltage.
Low external parts
count (one flying capacitor and two small bypass
capacitors at VIN and VOUT) make the FP6770 ideal
for small, battery-powered applications.
The FP6770 operates as a constant frequency mode
switched capacitor voltage doubler to produce a
regulated output and reduces both output and input
ripple.
The FP6770 has both short circuit protection
and thermal shutdown capability.
The FP6770 is available in space-saving SOT-23-6
TSOT-23-6 and TDFN-6 packages.
Features
● Low Noise Constant Frequency Operation
● Output Current: Minimum 170mA at V
IN=3.2V
● Available in SOT-23-6 、TSOT-23-6 and TDFN-6
● 2MHz Switching Frequency
● Fixed 5V ± 4% Output
● V
IN Range: 2.7V to 5V
● No Inductors
● Low Shutdown Current: <1μA
Applications
● White LEDs Backlighting
● Li-Ion Battery Backup Supply
● Smart Card Reader
● Local 3V to 5V Conversion
● PCMCIA Local 5V Supply
P: Green
G: Green
TR: Tape / Reel
Package Type
S6: SOT-23-6
S9: TSOT-23-6
WD: TDFN-6 (1.6x1.6mm)
FP6770
□□□


Similar Part No. - FP6770

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP6705 APITECH-FP6705 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
High-Efficiency, 1-Cell and 2-Cell Boost Converter
FP6711MSGTR FITIPOWER-FP6711MSGTR Datasheet
678Kb / 13P
High-Efficiency, 1-Cell and 2-Cell Boost Converter
FP6711MSPTR FITIPOWER-FP6711MSPTR Datasheet
678Kb / 13P
High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
API Technologies Corp
FP6712 APITECH-FP6712 Datasheet
103Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP6770

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L5200 UTC-L5200 Datasheet
159Kb / 7P
LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
ON Semiconductor
CAT3200TDI-T3 ONSEMI-CAT3200TDI-T3 Datasheet
190Kb / 13P
Low Noise Regulated Charge Pump DC-DC Converter
Doc. No. MD-5002, Rev. N
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
Unisonic Technologies
L5201 UTC-L5201 Datasheet
169Kb / 7P
LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
L5200 UTC-L5200_15 Datasheet
403Kb / 7P
LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
Unisonic Technologies
L5200 UTC-L5200_16 Datasheet
401Kb / 7P
LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
Low Noise Regulated Charge Pump DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM3110 HMSEMI-HM3110 Datasheet
417Kb / 6P
Low noise charge pump DC/DC converter
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
Low Noise, Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com