Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6783 Datasheet(PDF) 7 Page - Fitipower Integrated Technology Inc.

Part # FP6783
Description  Integrated Multi-Channel DC-DC Converters for TFT LCD Panels
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6783 Datasheet(HTML) 7 Page - Fitipower Integrated Technology Inc.

Back Button FP6783 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6783 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6783 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6783 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6783 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6783 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6783 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6783 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6783 Datasheet HTML 11Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FP6783-Preliminary 0.3-NOV-2012
FP6783
fitipower integrated technology lnc.
Electrical Characteristics (Continued)
(VIN=2.5V to 5.5V, TA=-40 to 85°C, unless otherwise specified. Typical values are tested at 25°C ambient temperature,
VIN=3.3V, VSUP=12V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
FBP Threshold Voltage
VFBP
1.238
1.25
1.262
V
FBP Input Bias Current
IFBP
VFBP=1V to 1.5V
-40
0
40
nA
DRVN Leakage Current
IOFF1
VFBN=0V, DRVN=SUP
-
0.1
10
μA
DRVP Leakage Current
IOFF2
VFBP=1.4V, DRVP=SUP
-
0.1
10
μA
DRVN Switch R-ON
RONP1
-
3
20
Ω
RONP1
-
3
20
Ω
DRVP Switch R-ON
RONP2
-
3
20
Ω
RONP2
-
3
20
Ω
Soft Start and Fault Detect
PWM Soft Start Time
tSS1
-
10
-
ms
VGH Soft Start Time
tSS2
-
3.4
-
ms
VGL Soft Start Time
tSS3
-
3.4
-
ms
During Fault Protect Trigger Time
tFP
-
160
-
ms
High Voltage Switch Start Delay
Time
TDLY
24
30
36
ms
FB Fault Protection Voltage
VF1
0.95
1.00
1.05
V
FBN Fault Protection Voltage
VF2
0.4
0.45
0.5
V
FBP Fault Protection Voltage
VF3
0.95
1.00
1.05
V
FB Under Voltage Protect
-
0.1
-
V
High Voltage Switch Controller
CTL Input Low Voltage
VIL
-
-
0.5
V
CTL Input High Voltage
VIH
2
-
-
V
CTL Input Bias Current
IB4
VCTL=0 to VIN
-40
0
40
nA
VGH Input Voltage Range
VGH
-
-
36
V
VGHM Output Voltage Range
VGHM
2
-
-
V
Propagation Delay CTL to VGH
tPP
VGH=25V
-
100
200
ns
VGH to VGHM Switch R-ON
RONSC
-
15
30
Ω
VGHM to ADJ Switch R-ON
RONDC
-
30
60
Ω
VGHM to GND Switch R-ON
RONCG
1.5
2.5
3.5
KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com