| Electronic Components Datasheet Search |
|
HT48RB8 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT48RB8 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc |
|
20 / 45 page ![]() HT48RB8 Rev. 1.30 20 February 10, 2003 The following is A/D converter timing diagrams USB Interface and A/D Converter There are 7 registers, including AWR (address + remote wake up; 42H in bank 1), STALL (43H in bank 1), PIPE (44H in bank 1), MISC (46H in bank 1), FIFO0 (48H in bank 1), FIFO1 (49H in bank 1), FIFO2 (4AH in bank 1) and FIFO3 (4BH in bank 1) used for the USB function. AWR register contains current address and a remote wake up function control bit. The initial value of AWR is ²00H². The address value extracted from the USB command has not to be loaded into this register until the SETUP stage being finished. AWR Bits R/W Function WKEN 0 W Remote wake-up enable/disable AD6~AD0 7~1 W USB device address PIPE register represents whether the corresponding endpoint is accessed by host or not. This register is set only after the time when host accesses the corresponding endpoint. Only the last accessed endpoint is shown in this register. STALL register shows whether the corresponding endpoint works properly or not. As soon as the endpoint works im- properly, the related bit in the STALL has to be set to ²1². The STALL will be cleared by USB reset signal. PIPE Bits R/W Function EP0RW 0 R Endpoint 0 accessed EP1RW 1 R Endpoint 1 accessed EP2RW 2 R Endpoint 2 accessed EP3RW 3 R Endpoint 3 accessed ¾ 7~4 R Unused bit, read as ²0² STALL Bits R/W Function STL0 0 W Stall the endpoint 0 STL1 1 W Stall the endpoint 1 STL2 2 W Stall the endpoint 2 STL3 3 W Stall the endpoint 3 ¾ 7~4 W Unused bit, read as ²0² T 1 N o r m a l M o d e A / D C o n v e r s i o n S t a r t s A / D C o n v e r s i o n S t a r t s A / D C o n v e r s i o n A / D C o n v e r s i o n T i m e A / D C o n v e r s i o n . i n i s h e d P o w e r _ d o w n A / D C o n v e r s i o n . i n i s h e d 0 o r 1 0 o r 1 A / D C o n v e r s i o n A / D C o n v e r s i o n T i m e 0 o r 1 0 o r 1 A D O N S T A R T D 7 D 0 E O C B 0 0 0 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |