Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A1907-03-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # 1A1907-03-R
Description  PCB Fuse-clips for ATC/ATM Blade, 5 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

1A1907-03-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  1A1907-03-R Datasheet HTML 1Page - Eaton All Rights Reserved. 1A1907-03-R Datasheet HTML 2Page - Eaton All Rights Reserved. 1A1907-03-R Datasheet HTML 3Page - Eaton All Rights Reserved. 1A1907-03-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data
2131
Effective February 2018
www.eaton.com/electronics
1AXXXX
PCB Fuse-clips for ATC/ATM Blade, 5 mm, 1/4” & 13/32” diameter fuses
Catalog
Clip
Number
Material
Finish
1A5600
Cartridge Matte
Brass
Tin
ATC Fuses (0 to 20Amps)
1A5600 Family
Dimensions - in (mm)
ATM Fuses1A5778 Family
Dimensions - mm (in)
1A5779 Family
1A5780 Family
Dimensions - mm (in)
.150"
(3.81mm)
.330"
(8.38mm)
.295"
(7.49mm)
.200"
(5.08mm)
.053"
(1.35mm)
0.08"±0.01"
(2.03
±0.25mm)
0.09"
(2.29mm)
MOUNTING LAYOUT FOR 2 CLIPS
.012
MATERIAL: BRASS, NICKEL PLATED, .30 THICK
1.90
.075
.156
3.96
.440
11.18
4.98
.196
.125
3.18
1.57
.062
.062
1.57
2.18
.086
3.66
.144
(TYP-4)
1.65 ± 0.05
0.065 ± 0.002 DIA. HOLE
.144
3.66
.176
4.47
3.66
.144
SPECIFICATIONS
. .
. . . . .
. . . . .
. . . . .
. . . . . . . .
MOUNTING LAYOUT
UL RATED 94V-0
BRASS, NICKEL PLATED
GLASS FILLED NYLON,
500V AC
15 AMPS
145°C
TO 292°F
-50°C
-58°F
TEMPERATURE RATING
VOLTAGE RATING
CURRENT RATING
FUSECLIPS
BASE MATERIAL
BASE
FUSECLIPS
14.68
.578
4.75
.187
1.45
.057
3.18
.125
1.24
.049
.340
8.64
.100
2.54
.062
1.57
3.66
.144
(TYP-4)
1.65 ± 0.05
0.065 ± 0.002 DIA. HOLE
.144
3.66
.176
4.47
3.66
.144
292°F
-58°F
SPECIFICATIONS
. .
. . . . .
. . . . .
. . . . .
. . . . . . . .
MOUNTING LAYOUT
UL RATED 94V-0
BRASS, NICKEL PLATED
GLASS FILLED NYLON,
500V AC
15 AMPS
50°C TO 145°C
-
TEMPERATURE RATING
VOLTAGE RATING
CURRENT RATING
FUSECLIPS
BASE MATERIAL
19.30
.760
3.18
.125
5.08
.200
BASE
FUSECLIPS
4.45
.175
6.35
.250
.271
6.88
.437
11.10
.050
1.27
(TYP-4)
2.54 ± 0.05
0.100 ± 0.002 DIA. HOLE
.200
5.08
.160
4.06



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com