Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR9886ASPCTR Datasheet(PDF) 7 Page - Fitipower Integrated Technology Inc.

Part # FR9886ASPCTR
Description  21V, 2A, 1.2MHz Synchronous Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9886ASPCTR Datasheet(HTML) 7 Page - Fitipower Integrated Technology Inc.

Back Button FR9886ASPCTR Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FR9886ASPCTR Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9886ASPCTR Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9886ASPCTR Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9886ASPCTR Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9886ASPCTR Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9886ASPCTR Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FR9886ASPCTR Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FR9886ASPCTR Datasheet HTML 11Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FR9886A-0.3-SEP-2011
FR9886A
85T
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
IOUT=0A
400ns/div.
IOUT=2A
400ns/div.
Figure 10. Steady State Waveform
Figure 11. Steady State Waveform
IOUT=0A
4ms/div.
IOUT=2A
4ms/div.
Figure 12. Startup Through
S
N Waveform
Figure 13. Startup Through
S
N Waveform
IOUT=0A
400ms/div.
IOUT=2A
100
μs/div.
Figure 14. Shutdown Through
S
N Waveform
Figure 15. Shutdown Through
S
N Waveform
VIN 20mV/div. (AC)
VOUT 5mV/div. (AC)
IL
1A/div.
VLX
5V/div.
VIN
100mV/div. (AC)
VOUT 5mV/div. (AC)
IL
1A/div.
VLX
5V/div.
VSHDN 5V/div.
VOUT
2V/div.
IL
2A/div.
VLX
5V/div.
VSHDN 5V/div.
VOUT
2V/div.
IL
2A/div.
VLX
5V/div.
VSHDN 5V/div.
VOUT
2V/div.
IL
2A/div.
VLX
5V/div.
VSHDN 5V/div.
VOUT
2V/div.
IL
2A/div.
VLX
5V/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com