Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR9701 Datasheet(PDF) 10 Page - Fitipower Integrated Technology Inc.

Part # FR9701
Description  23V, 2A, 600KHz Asynchronous Synchronous Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9701 Datasheet(HTML) 10 Page - Fitipower Integrated Technology Inc.

Back Button FR9701 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9701 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9701 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9701 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9701 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9701 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FR9701 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FR9701 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FR9701 Datasheet HTML 12Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FR9701-1.1-FEB-2012
FR9701
85T
fitipower integrated technology lnc.
Application Information (Continued)
Selecting the Input Capacitor
The input capacitor reduces the surge current drawn
from the input supply and the switching noise from
the device.
The input capacitor impedance at the
switching frequency should be less than the input
source
impedance
to
prevent
high
frequency
switching current from passing through the input.
Ceramic capacitors with X5R or X7R dielectrics are
highly recommended because of their low ESR and
small
temperature
coefficients.
For
most
applications, a 10μF capacitor is sufficient.
Selecting the Output Capacitor
The output capacitor keeps the output voltage ripple
small, and a 47
μF ceramic capacitor with X5R or
X7R dielectrics is recommended for its low ESR
characteristics.
External Bootstrap Diode
An external bootstrap diode is recommended if the
input voltage is less than 5V or if there is a 5V system
rail available.
This diode helps improving the
efficiency.
Low cost diodes, such as 1N4148, are
suitable for this application.
FR9701
VIN
BS
VIN
SW
D2
1N4148
5V
C3
Rectifier Diode
Use a Schottky diode as the rectifier to conduct current
when the high-side power MOSFET is off. The
Schottky diode must have current rating higher than
the maximum output current and the reverse voltage
rating higher than the maximum input voltage.
PCB Layout Recommendation
The
device’s
performance
and
stability
are
dramatically
affected
by
PCB
layout.
It
is
recommended to follow these general guidelines
shown as below:
1. Place the input capacitors and output capacitors
as close to the device as possible.
The traces
which connect to these capacitors should be as
short and wide as possible to minimize parasitic
inductance and resistance.
2. Place VIN capacitors close to the VIN pin.
3. Place feedback resistors close to the FB pin.
4. Keep the sensitive signal (FB) away from the
switching signal (SW).
VIN
VOUT
SW
GND
1
2
3
4
5
6
L1
C2
C1
R2
R1
D1
Figure 17. FR9701 Recommended Layout Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com