Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM211803VR Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # EM211803VR
Description  Pluggable Terminal Block with Flanges; (Mates with EM2218 Series); 5.08 Centers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EM211803VR Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  EM211803VR Datasheet HTML 1Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For additional product information, visit
www.eaton.com/connectors
EuroMag Series PCB Mount Pluggable Terminal Blocks
0.10"
(2.54)
0.20"
(5.08)
Ø.11"
(2.70)
0.59"
(15.0)
0.39"
(9.80)
0.32"
(8.20)
0.71"
(18.00)
L
Series EM2118 Series
Pluggable Terminal Block with Flanges;
(Mates with EM2218 Series); 5.08 Centers
SPECIFICATIONS:
Rating: 16A, 300V
Center Spacing: 0.20" (5.08mm)
Wire Range: #1
2-24 AWG
Housing Material: UL rated 94V0 Thermoplastic
Contact Material: Tin-Plated Phosphor Bronze
Screw Size: M
2.6 Nickel-Plated Steel
Operating Temperature: 105°C (221°F) max., -55°C (-67°F) min.
Torque Rating:
7.0 lb-in.
Construction: Mold-to-Length
Agency Information:
File E62622; CE Certified
Poles
2
3
4
5
6
7
8
9
10
11
12
L (mm)
20.32
25.40
30.48
35.56
40.64
45.72
50.80
55.88
60.96
66.04
71.12
L (Inch)
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
Poles
13
14
15
16
17
18
19
20
21
22
L (mm)
76.20
81.28
86.36
91.44
96.52
101.60
106.68
111.76
116.84
121.92
L (Inch)
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
Series
nnnnnnnnnnnn #ofPositions
02 to 22
Orientation
V - Vertical
H - Horizontal
Part Numbering System
Inches (Millimeters)
EM 2 1 1 8
0.10"
(2.54)
WIRE
ENTRY
0.32"
(8.20)
0.49"
(12.5)
Ø.11"
(2.70)
0.20"
(5.08)
1.02"
(25.8)
0.32"
(8.20)
1.02"
(25.8)
L
WIRE
ENTRY
LEFT
RIGHT
HORIZONTAL
VERTICAL
EM211803H
EM211814VL
Mating Header: EM2218 pg.
98
Dimensions - in (mm)
96
Wire Entry
L - Left wire entry
R - Right wire entry
(specify for V orientation)
q
q
qq


Similar Part No. - EM211803VR

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM2115 EATON-EM2115 Datasheet
971Kb / 1P
Pluggable Terminal Block with Flanges; (Mates with EM2215 Series);5.00 Centers
EM211502HL EATON-EM211502HL Datasheet
971Kb / 1P
Pluggable Terminal Block with Flanges; (Mates with EM2215 Series);5.00 Centers
EM211502HR EATON-EM211502HR Datasheet
971Kb / 1P
Pluggable Terminal Block with Flanges; (Mates with EM2215 Series);5.00 Centers
EM211502VL EATON-EM211502VL Datasheet
971Kb / 1P
Pluggable Terminal Block with Flanges; (Mates with EM2215 Series);5.00 Centers
EM211502VR EATON-EM211502VR Datasheet
971Kb / 1P
Pluggable Terminal Block with Flanges; (Mates with EM2215 Series);5.00 Centers
More results

Similar Description - EM211803VR

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM2115 EATON-EM2115 Datasheet
971Kb / 1P
Pluggable Terminal Block with Flanges; (Mates with EM2215 Series);5.00 Centers
EM2218 EATON-EM2218 Datasheet
952Kb / 1P
Header with Flanges; (Mates with EM2118, EM3118 Series); 5.08 Centers
EM2413 EATON-EM2413 Datasheet
665Kb / 1P
Pluggable Block with Flanges (Mates with EM2201 Series); 3.50 Centers
EM2416 EATON-EM2416 Datasheet
894Kb / 1P
Pluggable Block with Flanges (Mates with EM2426 Series); 7.62 Centers
EM2423 EATON-EM2423 Datasheet
670Kb / 1P
Pluggable Block with Flanges (Mates with EM2211 Series); 3.81 Centers
EM2525 EATON-EM2525 Datasheet
656Kb / 1P
Pluggable Block (Mates with EM2535 Series); 5.00 Centers
EM2565 EATON-EM2565 Datasheet
909Kb / 1P
Pluggable Block (Mates with EM2575 Series); 5.08 Centers
EM3533 EATON-EM3533 Datasheet
1,015Kb / 1P
Pluggable Block (Mates with EM2221 Series); 3.50 Centers
EM3583 EATON-EM3583 Datasheet
671Kb / 1P
IDC Pluggable Block (Mates with EM3593 Series); 3.81 Centers
EM5015 EATON-EM5015 Datasheet
663Kb / 1P
Pluggable Block (Mates with EM5025 Series); 5.00 Centers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com