Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RI60 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RI60
Description  Ultra-miniature dry-reed switch germetically sealed in a gas-dilled glass envelope
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RI60 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RI60 Datasheet HTML 1Page - List of Unclassifed Manufacturers RI60 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
55
Catch Us on the Web! www.cotorelay.com
E-Mail us: sales@cotorelay.com
End of life criteria:
Contact resistance > 2
Ω after 2.5 ms
Release time > 2.5 ms (latching or contact sticking).
Switching different loads involves different life expect-
ancy and reliability data. Further information is available
on request.
M
M
M
M
MECHANICAL
ECHANICAL
ECHANICAL
ECHANICAL
ECHANICAL
D
D
D
D
DA
A
A
A
AT
T
T
T
TA
A
A
A
A
Contact arrangement is normally open; lead finish is
tinned; net mass is approximately 0.09 g; and can be
mounted in any position.
S
S
S
S
SHOCK
HOCK
HOCK
HOCK
HOCK
The switches are tested in accordance with “IEC 68-2-
27”, test Ea (peak acceleration 100 G, half sinewave;
duration 11 ms). Such a shock will not cause an open
switch (no magnetic field present) to close.
M
M
M
M
MECHANICAL
ECHANICAL
ECHANICAL
ECHANICAL
ECHANICAL
S
S
S
S
STRENGTH
TRENGTH
TRENGTH
TRENGTH
TRENGTH
The robustness of the terminations is tested in accordance
with “IEC 68-2-21”, test Ua
1 (load 10 N).
O
O
O
O
OPERA
PERA
PERA
PERA
PERATING
TING
TING
TING
TING AND
AND
AND
AND
AND
S
S
S
S
STTTTTORA
ORA
ORA
ORA
ORAGE
GE
GE
GE
GE
T
T
T
T
TEMPERA
EMPERA
EMPERA
EMPERA
EMPERATURE
TURE
TURE
TURE
TURE
Operating ambient temperature; min: -55
°C;
max: +125
°C.
Storage temperature; min: -55
°C; max: +125°C.
Note:
Note:
Note:
Note:
Note: Temperature excursions up to 150
°C may be
permissible. For more information contact your nearest
Coto Technology sales office.
S
S
S
S
SOLDERING
OLDERING
OLDERING
OLDERING
OLDERING
The switch can withstand soldering heat in accordance
with “IEC 68-2-20”, test Tb, method 1B: solder bath at
350 ±10° C for 3.5 ±0.5 s.
Solderability is tested in accordance with “IEC 68-2-20”
test Ta, method 3: solder globule temperature 235
°C;
ageing 1b: 4 hours steam.
W
W
W
W
WELDING
ELDING
ELDING
ELDING
ELDING
The leads can be welded.
M
M
M
M
MOUNTING
OUNTING
OUNTING
OUNTING
OUNTING
The leads should not be bent closer than 1 mm to the
glass-to-metal seals. Stress on the seals should be
avoided. Care must be taken to prevent stray magnetic
fields from influencing the operating and measuring
conditions.
RI-60 Series
Model Number
RI-60
Parameters
Test Conditions
Units
Operating Characteristics
Operate Range
AT
9-21
Release Range
AT
5-16
Operate Time - including bounce (typ.)
(energization)
ms
0.15 (25 AT)
Bounce Time (typ.)
(energization)
ms
0.035 (25 AT)
Release Time (max)
(energization)
µs
20 (25 AT)
Resonant Frequency (typ.)
Hz
11300
Electrical Characteristics
Switched Power (max)
W
10
Switched Voltage DC (max)
V
200
Switched Voltage AC, RMS value (max)
V
140
Switched Current DC (max)
mA
500
Switched Current AC, RMS value (max)
mA
500
Carry Current DC; AC, RMS value (max)
mA
500
Breakdown Voltage (min)
V
230
Contact Resistance (initial max)
(energization)
m
Ω
115 (25 AT)
Contact Resistance (initial typ.)
(energization)
m
Ω
95 (25 AT)
Contact Capacitance (max)
without test coil
pF
0.25
Insulation Resistance (min)
RH
≤ 45%
M
Ω
10
6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com