Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM9802 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM9802
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9802 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM9802 Datasheet HTML 4Page - OKI electronic componets MSM9802 Datasheet HTML 5Page - OKI electronic componets MSM9802 Datasheet HTML 6Page - OKI electronic componets MSM9802 Datasheet HTML 7Page - OKI electronic componets MSM9802 Datasheet HTML 8Page - OKI electronic componets MSM9802 Datasheet HTML 9Page - OKI electronic componets MSM9802 Datasheet HTML 10Page - OKI electronic componets MSM9802 Datasheet HTML 11Page - OKI electronic componets MSM9802 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8/51
MSM9802/03/05-xxx
¡ Semiconductor
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
Input Voltage
VDD
Ta=25°C
–0.3 to +7.0
V
Storage Temperature
VIN
–0.3 to VDD+0.3
V
TSTG
–55 to +150
°C
(GND=0 V)
RECOMMENDED OPERATING CONDITIONS
*1 The accuracy of the oscillation frequency when RC oscillation is selected depends largely on
the accuracy of the external R and C.
Parameter
Symbol
Condition
Range
Unit
Power Supply Voltage
VDD
2.0 to 5.5
V
Master Clock Frequency 1
Top
–40 to +85
°C
fOSC1
Typ.
MHz
When crystal is selected
(GND=0 V)
Operating Temperature
Min.
Max.
4.096
3.5
4.5
256
200
300
Master Clock Frequency 2
fOSC2
kHz
When RC is selected (*1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com