Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1774-R Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1774-R
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1774-R Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1774-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1774-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
2SA1774
Features
Reduces Board Space
High hFE
Low VCE(sat)
1. Base
2. Emitter
3. Collecter
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-60
Collector - Emitter Voltage
VCEO
-50
Emitter - Base Voltage
VEBO
-6
Collector Current - Continuous
IC
-150
mA
Collector Power Dissipation
PC
150
mW
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -50 μA, IE=0
-60
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA, IB=0
-50
Emitter - base breakdown voltage
VEBO
IE= -50μA, IC=0
-6
Collector-base cut-off current
ICBO
VCB= -60 V , IE=0
-100
Emitter cut-off current
IEBO
VEB= -6V , IC=0
-100
Collector-emitter saturation voltage
(Note.1)
VCE(sat) IC=-50 mA, IB=-5mA
-0.5
Base - emitter saturation voltage (Note.1)
VBE(sat) IC=-50 mA, IB=-5mA
-1.2
DC current gain
hFE
VCE= -6V, IC= -1mA
120
560
Collector output capacitance
Cob
VCB= -12V, IE= 0mA,f=1MHz
3.5
5
pF
Transition frequency
fT
VCE= -12V, IC= -2mA,f=30MHz
140
MHz
V
V
nA
Classification of hfe
Type
2SA1774-Q
2SA1774-R
2SA1774-S
Range
120-270
180-390
270-560
Marking
FQ
FR
FS
SOT-523
m
m
:
t
i
n
U
0.2 +0.05
-0.05
1.0 +0.1
-0.1
1.6 +0.1
-0.1
0.3±0.05
0.5 +0.1
-0.1
0.15±0.05
1
2
3


Similar Part No. - 2SA1774-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1774-R MCC-2SA1774-R Datasheet
175Kb / 2P
PNP Silicon Epitaxial Transistor
2SA1774-R MCC-2SA1774-R Datasheet
265Kb / 2P
PNP Silicon Epitaxial Transistor
More results

Similar Description - 2SA1774-R

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com