Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDH-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # MDH-R
Description  6.3 mm x 32 mm Ferrule and axial lead, high breaking capacity, high I2t ceramic tube fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MDH-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  MDH-R Datasheet HTML 1Page - Eaton All Rights Reserved. MDH-R Datasheet HTML 2Page - Eaton All Rights Reserved. MDH-R Datasheet HTML 3Page - Eaton All Rights Reserved. MDH-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 10530
Effective April 2016
Product description
High breaking capacity and I²t
High surge withstand: 20 cycles of 1.2/50 μs -
8/20 μs, 20 kV/10 kA surge
UL248-14 compliant
Ceramic tube, nickel plated brass end cap
6.3 mm x 32 mm form factor
Ferrule and axial lead options
Halogen free, lead free, RoHS compliant
Applications
Primary circuit protection:
Lighting controls
Surge protectors
LED and general lighting
Agency information
cURus Recognition file number: E19180, Vol 7
Ordering
Use ordering number (see page 3 for details)
Packaging suffixes
BK (100 parts per carton)
TR (500 parts per roll)
MDH-R
6.3 mm x 32 mm Ferrule and axial lead, high breaking
capacity, high I2t ceramic tube fuses
Pb
HALOGEN
HF
FREE


Similar Part No. - MDH-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MDH-0870 AD-MDH-0870_15 Datasheet
2Mb / 8P
CURRENT AND VOLTAGE OUT
MDH-1001 AD-MDH-1001_15 Datasheet
2Mb / 8P
CURRENT AND VOLTAGE OUT
logo
M-System Co.,Ltd.
MDH-12 MSYSTEM-MDH-12 Datasheet
109Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
Analog Devices
MDH-1202 AD-MDH-1202_15 Datasheet
2Mb / 8P
Current and Voltage Out, D/A Converters
logo
M-System Co.,Ltd.
MDH-24 MSYSTEM-MDH-24 Datasheet
109Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MDH-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C310T-SC ETC2-C310T-SC Datasheet
778Kb / 7P
3.6 mm x 10 mm Time-delay, axial lead ceramic tube fuses
logo
Cooper Bussmann, Inc.
C308F40MA COOPER-C308F40MA Datasheet
619Kb / 5P
Ferrule and axial lead 3 x 8.4 mm fast-acting, ceramic tube fuses for barrier applications
S505SCH-3.15-R COOPER-S505SCH-3.15-R Datasheet
1Mb / 7P
5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
logo
Eaton All Rights Reserv...
C310FC EATON-C310FC Datasheet
748Kb / 2P
3.6 mm x 10 mm Fast-acting, axial-leaded ceramic tube fuses
C310FH EATON-C310FH Datasheet
371Kb / 5P
3.1 mm x 10 mm Fast-acting, axial lead ceramic tube fuses
C310T-SC EATON-C310T-SC Datasheet
778Kb / 7P
3.6 mm x 10 mm Time-delay, axial lead ceramic tube fuses
S505 EATON-S505 Datasheet
510Kb / 4P
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
S505SC EATON-S505SC Datasheet
1Mb / 6P
5 x 20 mm Time-delay, axial lead ceramic tube fuses
S505SCH EATON-S505SCH Datasheet
1Mb / 7P
5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
EAC10 EATON-EAC10 Datasheet
1Mb / 6P
10 x 32 mm high breaking capacity fuse
August 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com