Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLVB Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # MLVB
Description  Multilayer varistor ESD suppressor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MLVB Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  MLVB Datasheet HTML 1Page - Eaton All Rights Reserved. MLVB Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 4071
Effective June 2017
Supersedes July 2010
Product features
MLVB
Multilayer varistor ESD suppressor
•
Zinc oxide based ceramic chip
•
Low capacitance to meet the need for high
speed transient voltage protection
•
Provides ESD protection with fast response
time (<1ns) allowing equipment to pass IEC
61000-4-2 Level 4 Test
•
Low profile designs for board space savings
•
Low and stable leakage current reduces power
consumption
•
Low clamping voltage
•
Lead free, halogen free and RoHS compliant
for global applications
Pb
HALOGEN
HF
FREE
Surface Mount Device
Applications
•
Computers and peripherals
•
Digital cameras
•
Mobile phones
•
Medical equipment
•
DVD Players
•
MP3/Multimedia players
•
LCD TV / Monitor
•
External storage
•
Cable/DSL Modems
•
USB 2.0
•
Set top boxes
V18
C001
Product Family
Size
Working DC Voltage
Capacitance in pF*
* Part numbers use “R” to denote decimal point for decimal values of pico farads.
04
MLVB
Packaging
•
Size 0402: 10,000 pieces per reel - EIA (EIAJ)
•
Size 0603: 4000 pieces per reel - EIA (EIAJ)
Specifications
Part
Working
Varistor Voltage
Clamping
Capacitance
Leakage
Number
Size
Voltage (Vdc)
@1mAdc
Voltage
pF
Current (
μA)
MLVB04V18C0R5
0402
18
90-120
250*
0.5
<10
MLVB04V18C001
0402
18
46-60
110*
1
<10
MLVB04V18C003
0402
18
22-34
58
3
<10
MLVB04V09C005
0402
9
11-17
35
5
<10
MLVB06V18C0R5
0603
18
90-120
250*
0.5
<10
MLVB06V18C001
0603
18
46-60
110*
1
<10
MLVB06V18C003
0603
18
22-34
58
3
<10
MLVB06V09C005
0603
9
11-17
35
5
<10
*
Maximum peak voltage across the varistor with 8/20µs waveform and 0.5A pulse current.
Working Voltage (Vdc) - Maximum DC operating voltage the varistor can maintain and not
exceed 10µA leakage current.
Varistor Voltage - Voltage across the device measured at 1mA DC current. Equivalent to VB,
“breakdown voltage.” Clamping Voltage - Maximum peak voltage across the varistor with
8/20µs waveform and 1A pulse current.
Capacitance - Device capacitance measured with zero volt bias 1Vrms at 1MHz.


Similar Part No. - MLVB

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MLVB04V09C005 COOPER-MLVB04V09C005 Datasheet
350Kb / 2P
Multilayer Varistor ESD Suppressor
MLVB04V18C001 COOPER-MLVB04V18C001 Datasheet
350Kb / 2P
Multilayer Varistor ESD Suppressor
MLVB04V18C003 COOPER-MLVB04V18C003 Datasheet
350Kb / 2P
Multilayer Varistor ESD Suppressor
MLVB04V18C0R5 COOPER-MLVB04V18C0R5 Datasheet
350Kb / 2P
Multilayer Varistor ESD Suppressor
MLVB06V09C005 COOPER-MLVB06V09C005 Datasheet
350Kb / 2P
Multilayer Varistor ESD Suppressor
More results

Similar Description - MLVB

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MLVB04V18C0R5 COOPER-MLVB04V18C0R5 Datasheet
350Kb / 2P
Multilayer Varistor ESD Suppressor
MLVA02V05C033 COOPER-MLVA02V05C033 Datasheet
327Kb / 2P
Multilayer Varistor ESD Suppressor
logo
Micro Commercial Compon...
MLESD24B-0603 MCC-MLESD24B-0603 Datasheet
315Kb / 4P
Multilayer Polymer ESD Suppressor
logo
Panasonic Semiconductor
EZJZ PANASONIC-EZJZ Datasheet
275Kb / 5P
Multilayer Varistor for ESD pulse
logo
GOOD-ARK Electronics
ESLP2510V05 GOOD-ARK-ESLP2510V05_15 Datasheet
172Kb / 3P
Multilayer Polymer ESD Suppressor
ESLP2510V05 GOOD-ARK-ESLP2510V05 Datasheet
172Kb / 3P
Multilayer Polymer ESD Suppressor
logo
Cooper Bussmann, Inc.
MLVA02V05C033-R COOPER-MLVA02V05C033-R Datasheet
386Kb / 5P
Multilayer varistor ESD suppressor
logo
Panasonic Semiconductor
EZJZZV270AA PANASONIC-EZJZZV270AA Datasheet
172Kb / 8P
Multilayer Varistor for ESD pulse
logo
Eaton All Rights Reserv...
MLVA-R EATON-MLVA-R Datasheet
387Kb / 5P
Multilayer varistor ESD suppressor
logo
Shanghai Leiditech Elec...
L0603-3220A LEIDITECH-L0603-3220A Datasheet
430Kb / 4P
ESD-SMD Multilayer chip Varistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com