Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S505-800-R Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # S505-800-R
Description  5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

S505-800-R Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  S505-800-R Datasheet HTML 1Page - Eaton All Rights Reserved. S505-800-R Datasheet HTML 2Page - Eaton All Rights Reserved. S505-800-R Datasheet HTML 3Page - Eaton All Rights Reserved. S505-800-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/electronics
© 2017 Eaton
All Rights Reserved
Printed in USA
Publication No. 2037 BU-MC17013
February 2017
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
S505
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
Technical Data
2037
Effective February 2017
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
Environmental data
Operating temperature: - 55 °C to 125 °C (with derating)
Ordering codes
The ordering code is the part number replacing the “.” with a “-”
plus adding the packaging suffix.
Packaging prefixes
BK- (100 parts in a cardboard carton)
BK1- (1,000 parts in a bag)
Ordering codes
Part number
-BK option
-BK1 option
S505-500-R
BK-S505-500-R
BK1-S505-500-R
S505-800-R
BK-S505-800-R
BK1-S505-800-R
S505-1-R
BK-S505-1-R
BK1-S505-1-R
S505-1.25-R
BK-S505-1-25-R
BK1-S505-1-25-R
S505-1.6-R
BK-S505-1-6-R
BK1-S505-1-6-R
S505-2-R
BK-S505-2-R
BK1-S505-2-R
S505-2.5-R
BK-S505-2-5-R
BK1-S505-2-5-R
S505-3.15-R
BK-S505-3-15-R
BK1-S505-3-15-R
S505-4-R
BK-S505-4-R
BK1-S505-4-R
S505-5-R
BK-S505-5-R
BK1-S505-5-R
S505-6.3-R
BK-S505-6-3-R
BK1-S505-6-3-R
S505-8-R
BK-S505-8-R
BK1-S505-8-R
S505-10-R
BK-S505-10-R
BK1-S505-10-R
S505-12-R
BK-S505-12-R
BK1-S505-12-R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com