Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XVM Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # XVM
Description  16 V, 65 F module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

XVM Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  XVM Datasheet HTML 1Page - Eaton All Rights Reserved. XVM Datasheet HTML 2Page - Eaton All Rights Reserved. XVM Datasheet HTML 3Page - Eaton All Rights Reserved. XVM Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 10105
Effective April 2019
www.eaton.com/electronics
Ratings
Capacitance
65 F
Working voltage
16.2 V
Surge voltage
17 V
Capacitance tolerance
0% to +20% (+20 °C)
Operating temperature range
-40 °C to +65 °C
Specifications
Performance
Capacitance1 (F)
Part Number
Max
continuous
current
(A)
Max
leakage
current1
(mA)
65
XVM-16R2656-R
Maximum initial
DC ESR1 (mΩ)
(Equivalent Series
Resistance)
22
20
23
Max
power2
(kW)
Stored
energy3
(Wh)
Typical
mass
(kg)
3.0
2.4
0.75
1. Capacitance, ESR and Leakage current are all measured according to IEC 62391-1 at +20 °C
2. Max. Power = Working Voltage2 / 4 / DC ESR
3. Stored energy = ½ Capacitance x Working Voltage2 / 3600
Parameter
Capacitance change
(% of initial value)
ESR
(% of initial value)
Life (1500 hours @ +65 °C @ 16.2 Vdc)
Storage life- (Uncharged, non-condensing atmosphere, 1 year @ -40 °C to +70 °C)
≤ 20%
≤ 200%
≤ 5%
≤ 10%
XVM Supercapacitors
16 V, 65 F module
Safety and certifications
Regulatory
UL810A recognized file: MH46887
Environmental
IP54, RoHS, Halogen free
Shock specification
IEC 60068-2-27, -29
Vibration specification
IEC 60068-2-6
Cooling
Natural convection



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com