Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6787 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6787
Description  Integrated Multi-Channel DC-DC Converter for TFT LCD Panel
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6787 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6787 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6787 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6787 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6787 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6787 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6787 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6787 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6787 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6787 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FP6787/A-1.3-JAN-2012
FP6787/A
85T
fitipower integrated technology lnc.
Integrated Multi-Channel DC-DC Converter
for TFT LCD Panel
LINEAR REGULATOR
Description
The FP6787/A offers a compact power supply
solution to provide all voltages required by thin-film
transistor
(TFT)
LCD
panel.
The
FP6787/A
includes a high performance boost regulator, a low
dropout linear regulator (LDO), a voltage detector, a
VCOM buffer (unity-gain OPA), a positive charge
pump and a negative charge pump to provide
adjustable regulated output voltages.
The boost converter provides the regulated supply
voltage for the panel source driver ICs.
The
converter is a 640kHz current-mode regulator with
an integrated 16V N-
Channel 0.2Ω MOSFET.
It
provides fast transient response to pulsed loading
while achieving efficiency over 85%.
The device
can produce output voltage as high as 14V from an
input as low as 2.7V.
FP6787/A includes internal
8ms soft start.
The low dropout (LDO) linear regulator can supply
up to 600mA current while input voltage is 5V.
It
uses an internal PMOS as the pass device.
It is
suitable for the supply voltage of the timing
controller.
The voltage detector monitors the supply voltage to
issue a reset signal while the detected voltage is too
low.
The detecting level is decided by an external
resistor divider and the delay time is programmable
by an external capacitor.
The VCOM buffer can drive the LCD VCOM voltage
that features high short-circuit current (250mA), fast
slew rate (12V/µs), wide bandwidth (12MHz) and
rail-to-rail inputs and outputs.
The
positive
charge
pump
controller
provides
regulated TFT gate-on voltage.
The negative
charge pump controller provides regulated TFT
gate-off voltage.
The regulation of the positive and
negative charge pump is generated by the internal
comparator that senses the output voltage and
compares it with an internal voltage reference.
Features
● High Efficiency
● Low Power Consumption
● 2.7V to 5.5V Input Supply Voltage
640kHz Current-Mode Boost Regulator
● Fast Transient Response to Pulsed Load
● Adjustable Output Voltage with ±1% Accuracy
● Built-In 16V, 3A, 0.2Ω N-Channel MOSFET
● High Efficiency up to 85%
● Built-in 8ms Soft-Start
● Over-Current Protection
● Over-Voltage Protection
Low Dropout Linear Regulator
● 600mA Maximum Output Current
● Fixed Output Voltage : 3.3V (FP6787)and 2.5V
(FP6787A)
● ±2% Output Voltage Accuracy
Low Voltage Detector
● Programmable Detection Voltage
● ±2% Detection Voltage Accuracy
● Programmable Reset Delay Time
● Push-Pull Output
Unity-Gain Operation Amplifier for VCOM Buffer
● Rail-to-Rail Input and Output
● 12V/µs Slew Rate and 12MHz Bandwidth
● 250mA Short-Circuit Current
● Charge Pump for VGH Regulation
● Charge Pump for VGL Regulation
● Over-Temperature Protection
● TSSOP-20 And TQFN-20 Exposed Pad Packages
● RoHS Compliant
Applications
● Notebook Computers Displays
● LCD Monitor Panels


Similar Part No. - FP6787

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6783 FITIPOWER-FP6783 Datasheet
435Kb / 11P
Integrated Multi-Channel DC-DC Converters for TFT LCD Panels
FP6783WQCTR FITIPOWER-FP6783WQCTR Datasheet
435Kb / 11P
Integrated Multi-Channel DC-DC Converters for TFT LCD Panels
More results

Similar Description - FP6787

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1948 LINEAR-LT1948 Datasheet
139Kb / 4P
DC/DC Converter for TFT-LCD Panels
logo
Maxim Integrated Produc...
MAX8753 MAXIM-MAX8753 Datasheet
596Kb / 20P
TFT LCD DC-DC Converter with Integrated Charge Pumps
Rev 0; 1/06
logo
Linear Technology
LT1948 LINER-LT1948 Datasheet
211Kb / 4P
DC/DC Converter for TFT-LCD Panels
LT1948 LINER-LT1948_15 Datasheet
217Kb / 4P
DC/DC Converter for TFT-LCD Panels
logo
Global Mixed-mode Techn...
G5521 GMT-G5521 Datasheet
272Kb / 2P
Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
G5529 GMT-G5529 Datasheet
105Kb / 1P
Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
logo
Lowpower Semiconductor ...
LP6285 POWER-LP6285 Datasheet
438Kb / 8P
Multi-Channel DC-DC Converter for LCD Panel
LP6286 POWER-LP6286 Datasheet
505Kb / 8P
Multi-Channel DC-DC Converter for LCD Panel
logo
Fitipower Integrated Te...
FP6783 FITIPOWER-FP6783 Datasheet
435Kb / 11P
Integrated Multi-Channel DC-DC Converters for TFT LCD Panels
logo
Lowpower Semiconductor ...
LP6288 POWER-LP6288 Datasheet
639Kb / 24P
Multi-Channel DC-DC Converter for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com